Electronic Components Datasheet Search
  English  ▼

X  

SRK1001 Datasheet(PDF) 16 Page - STMicroelectronics

Part # SRK1001
Description  Adaptive synchronous rectification controller for flyback converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK1001 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SRK1001 Datasheet HTML 12Page - STMicroelectronics SRK1001 Datasheet HTML 13Page - STMicroelectronics SRK1001 Datasheet HTML 14Page - STMicroelectronics SRK1001 Datasheet HTML 15Page - STMicroelectronics SRK1001 Datasheet HTML 16Page - STMicroelectronics SRK1001 Datasheet HTML 17Page - STMicroelectronics SRK1001 Datasheet HTML 18Page - STMicroelectronics SRK1001 Datasheet HTML 19Page - STMicroelectronics SRK1001 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Figure 12. Sync circuit with pulse transformer
In order to guarantee SR MOSFET switching even with low VCC supply voltage, the SRK1001 is provided with the
VAUX pin. Referring to the schematic in Figure 13, when the VCC voltage decreases below the threshold
VCC_SO_On (> VCC_Off), an internal switch is turned on allowing the capacitor C2 placed on VCC pin to be charged
up to the turn-on threshold VCC_On by a current drawn through VAUX pin.
Figure 13. VAUX supply for CC regulation operation (from rectified SR MOSFET drain)
VCC_SO_On
Vin
D2
D1
C2
C1
Rext
SR-MOS
MOS
Cin
Cout
NP
NS
SW
DVS
VAUX
VCC
SO_COMP
VOUT
The VAUX pin may be connected, for example, to the rectified SR MOSFET drain voltage, like in Figure 13, or to
another auxiliary voltage of the flyback transformer, as shown in Figure 14.
In either case, a (schottky) decoupling diode (D2) is necessary to avoid the VAUX pin charging the output
capacitor. An external resistor Rext may be used in series with the VAUX pin in order to externally dissipate some
of the power that, without that resistor, would be totally dissipated inside the SRK1001.
5.9.1
Example for parameter calculations
Considering the circuit in Figure 13, the following example is provided to calculate the value of the Rext resistor
and power dissipation, in the case of a +5 V charger with operation down to 2 V in CC regulation and transformer
secondary-to-primary reflected voltage of 75 V.
SRK1001
VAUX pin operation in CC regulation
DS13155 - Rev 1
page 16/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com