Electronic Components Datasheet Search
  English  ▼

X  

SRK1001 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SRK1001
Description  Adaptive synchronous rectification controller for flyback converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK1001 Datasheet(HTML) 4 Page - STMicroelectronics

  SRK1001 Datasheet HTML 1Page - STMicroelectronics SRK1001 Datasheet HTML 2Page - STMicroelectronics SRK1001 Datasheet HTML 3Page - STMicroelectronics SRK1001 Datasheet HTML 4Page - STMicroelectronics SRK1001 Datasheet HTML 5Page - STMicroelectronics SRK1001 Datasheet HTML 6Page - STMicroelectronics SRK1001 Datasheet HTML 7Page - STMicroelectronics SRK1001 Datasheet HTML 8Page - STMicroelectronics SRK1001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
2
Maximum ratings
Table 2. Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
VCC
4
DC supply voltage
-0.3 to 36
V
DVS
5
Drain sense voltage referred to GND (with 300 Ω in series to the pin)
-3 to 185
V
VAUX
6
Auxiliary DC supply voltage
-0.3 to 185
V
VTOFF
7
TOFF pin voltage rating
-0.3 to 3.6
V
VTON
8
TON pin voltage rating
-0.3 to 3.6
V
VSYNC/DIS
1
DIS/SYNC pin voltage rating
-0.3 to 3.6
V
Stressing the device above the rating listed in above table may cause permanent damage to the device. Exposure
to absolute maximum rated conditions may affect device reliability.
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Θth j-amb
Max. thermal resistance, junction-to-ambient(1)
125
°C/W
Ψth j-case
Max thermal resistance, junction-to-case top(1)
5
°C/W
Ptot
Power Dissipation @Tamb = 50°C
0.8
W
Tj
Junction Temperature Operating range
-40 to 150
°C
Tstg
Storage Temperature
-55 to 150
°C
1. Natural convection test environment, using JEDEC 1s1p PCB with vias.
SRK1001
Maximum ratings
DS13155 - Rev 1
page 4/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com