Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1199 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1199 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1195Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1196Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1197Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1198Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1199Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1200Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1201Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1202Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1203Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1199 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
21-59
21.6.2.6 Flow Control
Because collisions cannot occur in full-duplex mode, the FEC can operate at the maximum rate.
When the rate becomes too fast for a station’s receiver, the station’s transmitter can send
flow-control frames to reduce the rate. Flow-control instructions are transferred by special frames
of minimum frame size. The length/type fields of these frames have a special value. Table 21-43
shows the flow control frame structure.
When flow-control mode is enabled (MACCFG1[Rx_Flow] is set) and the receiver identifies a
pause-flow control frame, transmission stops for the time specified in the control frame. During
this pause, only a control frame can be sent (TCTRL[TFC_PAUSE] is set). Normal transmission
resumes after the pause timer stops counting. If another pause-control frame is received during the
pause, the period changes to the new value received.
21.6.2.7 Interrupt Handling
The following describes what usually occurs within a FEC interrupt handler:
•
When an interrupt occurs, read IEVENT to determine interrupt sources. IEVENT bits to be
handled in this interrupt handler are normally cleared at this time.
Table 21-43. Flow Control Frame Structure
Size
[Octets
]
Description
Value
Comment
7
Preamble
1
SFD
Start frame delimiter
6
Destination address
01-80C2-00-00-01 Multicast address reserved for use in MAC frames
6
Source address
2
Length/type
88-08
Control frame type
2
MAC opcode
00-01
Pause command
2
MAC parameter
Pause period measured in slot times, most-significant octet first
with a two time-slot resolution. Note: Because the pause period
has a resolution of two time slots, the value programmed in this
field is rounded up to the nearest even number before being
used, as follows:
MAC Parameter Value
0
1 or 2
3 or 4
…
Pause Period
None
2
× slot time
4
× slot time
…
42
Reserved
—
4
FCS
Frame check sequence (CRC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com