Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1201 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1201 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1197Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1198Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1199Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1200Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1201Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1202Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1203Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1204Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1205Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1201 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
21-61
21.6.2.8 Inter-Packet Gap Time
When a station needs to transmit, it waits until the LAN becomes silent for a specified period
(inter-packet gap). When a station starts sending, it continually checks for collisions on the LAN.
If a collision is detected, the station forces a jam signal (all ones) on its frame and stops
transmitting. Collisions usually occur close to the beginning of a packet. The station then waits a
random time period (back-off) before attempting to send again. When the back-off completes, the
station waits for silence on the LAN and then begins retransmission on the LAN. This process is
called a retry. If the packet is not successfully sent within specified number of retries, an error is
indicated.
The minimum inter-packet gap time for back-to-back transmission is 96 serial clocks. The receiver
receives back-to-back packets with this minimum spacing. In addition, after waiting a required
number of clocks (based on the back-off algorithm), the transmitter waits for carrier sense to be
negated before retransmitting the packet. Retransmission begins 36 serial clocks after carrier sense
is negated for at least 60 serial clocks.
21.6.2.9 Internal and External Loop Back
Setting MACCFG1[Loop_Back] causes MAC transmit outputs to be looped back to the MAC
receive inputs. Clearing it results in normal operation. This bit is cleared by default.
21.6.2.10 Error-Handling Procedure
The Ethernet controller reports frame reception and transmission error conditions using the
channel BDs, the error counters, and the IEVENT register.
Transmission errors are described in Table 21-46.
Table 21-46. Transmission Errors
Error
Response
Transmitter underrun
The FEC sends 32 bits that ensure a CRC error, terminates buffer transmission, sets
TxBD[UN], closes the buffer, sets IEVENT[XFUN] and IEVENT[TXE]. The controller
resumes transmission after TSTAT[THLT] is cleared (and DMACTRL[GTS] is cleared).
Retransmission attempts
limit expired
The FEC terminates buffer transmission, sets TxBD[RL], closes the buffer, sets
IEVENT[CRL/XDA] and IEVENT[TXE]. Transmission resumes after TSTAT[THLT] is
cleared (and DMACTRL[GTS] is cleared).
Late collision
The FEC terminates buffer transmission, sets TxBD[LC], closes the buffer, sets
IEVENT[LC] and IEVENT[TXE]. The controller resumes transmission after TSTAT[THLT]
is cleared (and DMACTRL[GTS] is cleared).
Memory read error
A system bus error occurred during a DMA transaction. The FEC sets IEVENT[EBERR],
DMA stops sending data to the FIFO which causes an underrun error but IEVENT[XFUN]
is not set. The TSTAT[THLT] is set. Transmits are continued once TSTAT[THLT] is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com