Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1205 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1205 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1201Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1202Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1203Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1204Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1205Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1206Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1207Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1208Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1209Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1205 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
21-65
21.6.3.1 Transmit Data Buffer Descriptor (TxBD)
Data is presented to the FEC for transmission by arranging it in memory buffers referenced by the
TxBDs. In the TxBD the user initializes the R, PAD/CRC, W, L, and TC bits and the length (in
bytes) in the first word, and the buffer pointer in the second word.
The FEC clears the R bit in the first word of the BD after it finishes using the data buffer. The
transfer status bits are then updated. Additional transmit frame status can be found in statistic
counters in the MIB block. Figure 21-46 describes the TxBD.
The TxBD fields are detailed in Table 21-48.
0
1
2
3 4
5
6
7
8
9
10
11
12
13
14
15
Offset + 0
R PAD/CRC W I L
T
C
DEF
TO
1
HFE/LC
RL
RC
U
N
TXTRUNC
Offset + 2
DATA LENGTH
Offset + 4
TX DATA BUFFER POINTER
Offset + 6
Figure 21-46. Transmit Buffer Descriptor
Table 21-48. Transmit Data Buffer Descriptor (TxBD) Field
Descriptions
Offset
Bits
Name
Description
Offset + 0
0
R
Ready. Written by the FEC and user.
0 The data buffer associated with this BD is not ready for transmission. The user
is free to manipulate this BD or its associated data buffer. The FEC clears this
bit after the buffer is transmitted or after an error condition is encountered.
1 The data buffer, which is prepared for transmission by the user, was not
transmitted or is currently being transmitted. No fields of this BD may be written
by the user once this bit is set.
Offset + 0
1
PAD/CRC
PAD/CRC. Padding and CRC attachment for frames. (Valid only while it is set in
the first BD and MACCFG2[PAD/CRC] is cleared.) If MACCFG2[PAD/CRC] is set,
this bit is ignored.
0 Do not add padding to short frames. No CRC is appended unless TxBD[TC] is
set.
1 Add PAD/CRCs to frames. Pad bytes are inserted until the length of the
transmitted frame equals 64 bytes. Unlike the MPC8260 which pads up to
MINFLR value, the FEC pads always up to the IEEE minimum frame length of
64 bytes. CRC is always appended to frames.
Offset + 0
2
W
Wrap. Written by user.
0 The next buffer descriptor is found in the consecutive location.
1 The next buffer descriptor is found at the location defined in TBASE.
Offset + 0
3
I
Interrupt. Written by user.
0 No interrupt is generated after this buffer is serviced.
1 IEVENT[TXB] or IEVENT[TXF] are set after this buffer is serviced. These bits
can cause an interrupt if they are enabled (That is, IEVENT[TXBEN] or
IEVENT[TXFEN] are set).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com