Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1208 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1208 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1204Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1205Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1206Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1207Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1208Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1209Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1210Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1211Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1212Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1208 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
21-68
Freescale Semiconductor
10/100 Fast Ethernet Controller
Offset + 0
3
I
Interrupt. Written by user.
0 No interrupt is generated after this buffer is serviced.
1 IEVENT[RXB] or IEVENT[RXF] are set after this buffer is serviced. This bit can cause
an interrupt if enabled (IMASK[RXBEN] or IMASK[RXFEN]). If the user wants to be
interrupted only if RXF occurs, then the user must disable RXB (IMASK[RXBEN] is
cleared) and enable RXF (IMASK[RXFEN] is set).
Offset + 0
4
L
Last in frame. Written by the FEC.
0 The buffer is not the last in a frame.
1 The buffer is the last in a frame.
Offset + 0
5
F
First in frame. Written by the FEC.
0 The buffer is not the first in a frame.
1 The buffer is the first in a frame.
Offset + 0
6
—
Reserved
Offset + 0
7
M
Miss. Written by the FEC. (This bit is valid only if L is set and the FEC is in promiscuous
mode.)
This bit is set by the FEC for frames that were accepted in promiscuous mode, but were
flagged as a ‘miss’ by the internal address recognition; thus, while in promiscuous mode,
the user can use bit M to quickly determine whether the frame was destined to this
station.
0 The frame was received because of an address recognition hit.
1 The frame was received because of promiscuous mode.
Offset + 0
8
BC
Broadcast. Written by the FEC. (Only valid if L is set.) Is set if the DA is broadcast
(FF-FF-FF-FF-FF-FF).
Offset + 0
9
MC
Multicast. Written by the FEC. (Only valid if L is set.) Is set if the DA is multicast and not
BC.
Offset + 0
10
LG
Rx frame length violation. Written by the FEC (only valid if L is set).
A frame length greater than maximum frame length was recognized while
MACCFG2[Huge Frame] was set. Note, if MACCFG2[Huge Frame] is cleared, the frame
is truncated to the value programmed in the maximum frame length register.
Offset + 0
11
NO
Rx non–octet-aligned frame. Written by the FEC (only valid if L is set).
A frame that contained a number of bits not divisible by eight was received.
Offset + 0
12
SH
Short frame. Written by the FEC (only valid if L is set).
A frame length that was less than the minimum length defined for this channel (MINFLR)
was recognized, provided RCTRL[RSF] is set.
Offset + 0
13
CR
Rx CRC error. Written by the FEC (only valid if L is set).
This frame contains a CRC error and is an integral number of octets in length.This bit is
also set if a receive code group error is detected.
Offset + 0
14
OV
Overrun. Written by the FEC (only valid if L is set).
A receive FIFO overrun occurred during frame reception. If this bit is set, the other status
bits, M, LG, NO, SH, CR, and CL lose their normal meaning and are zero.
Offset + 0
15
TR
Truncation. Written by the FEC (only valid if L is set).
Is set if the receive frame is truncated. This can happen if a frame length greater than
maximum frame length was received and the MACCFG2[Huge Frame] is cleared. If this
bit is set, the frame must be discarded and the other error bits must be ignored as they
may be incorrect.
Table 21-49. Receive Buffer Descriptor Field Descriptions (continued)
Offset
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com