Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1210 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1210 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1206Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1207Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1208Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1209Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1210Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1211Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1212Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1213Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1214Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1210 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
21-70
Freescale Semiconductor
10/100 Fast Ethernet Controller
21.7.1.1 MII Interface Mode
Table 21-50 shows the signal configuration needed for MII interface mode
Table 21-50. MII Interface Mode Signal Configuration
MII INTERFACE
Frequency [MHz] 25
Voltage[V] 3.3
Signals
I/O
# of signals
FEC_TX_CLK
I
1
FEC_TxD[0]
O
1
FEC_TxD[1]
O
1
FEC_TxD[2]
O
1
FEC_TxD[3]
O
1
FEC_TX_EN
O
1
FEC_TX_ER
O
1
FEC_RX_CLK
I
1
FEC_RxD[0]
I
1
FEC_RxD[1]
I
1
FEC_RxD[2]
I
1
FEC_RxD[3]
I
1
FEC_RX_DV
I
1
FEC_RX_ER
I
1
FEC_COL
I
1
FEC_CRS
I
1
sum
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com