Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1211 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1211 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1207Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1208Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1209Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1210Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1211Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1212Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1213Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1214Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1215Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1211 / 1302 page
background image
Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
21-71
Table 21-51 describes the register initializations required to reconfigure the PHY to MII mode
following intial auto-negotiation.
Table 21-51. MII Mode Register Initialization Steps
Set Soft_Reset,
MACCFG1[1000_0000_0000_0000_0000_0000_0000_0000]
Clear Soft_Reset,
MACCFG1[0000_0000_0000_0000_0000_0000_0000_0000]
Initialize MACCFG2, for MII, half duplex operation.
Set I/F Mode bit to nibble mode,
MACCFG2[0000_0000_0000_0000_0111_0001_0000_0100]
(This example has Full Duplex = 0, Preamble count = 7, PAD/CRC append = 1)
Initialize MAC Station Address,
MACSTNADDR2[0110_0000_0000_0010_0000_0000_0000_0000]
Set station address to 02_60_8C_87_65_43, for example.
(Note that PHY configuration register addresses are not necessarily consistent in all PHYs.)
Initialize MAC Station Address,
MACSTNADDR1[0100_0011_0110_0101_1000_0111_1000_1100]
Set station address to 02_60_8C_87_65_43, for example.
(Note that PHY configuration register addresses are not necessarily consistent in all PHYs.)
Check auto-negotiation attributes in the PHY as necessary.
Clear IEVENT register,
IEVENT[0000_0000_0000_0000_0000_0000_0000_0000]
Initialize IMASK, (Optional)
IMASK[0000_0000_0000_0000_0000_0000_0000_0000]
Initialize IADDRn, (Optional)
IADDRn[0000_0000_0000_0000_0000_0000_0000_0000]
Initialize GADDRn, (Optional)
GADDRn[0000_0000_0000_0000_0000_0000_0000_0000]
Initialize RCTRL, (Optional)
RCTRL[0000_0000_0000_0000_0000_0000_0000_0000]
Initialize DMACTRL, (Optional)
DMACTRL[0000_0000_0000_0000_0000_0000_0000_0000]
Initialize FIFO_PAUSE_CTRL,
FIFO_PAUSE_CTRL[0000_0000_0000_0000_0000_0000_0000_0010]
Initialize (Empty) Transmit Descriptor ring and fill buffers with Data.
Initialize TBASE,
TBASE[LLLL_LLLL_LLLL_LLLL_LLLL_LLLL_LLLL_L000]
Initialize (Empty) Receive Descriptor ring and fill with empty buffers.
Initialize RBASE,
RBASE[LLLL_LLLL_LLLL_LLLL_LLLL_LLLL_LLLL_L000]
Enable Rx and Tx,
MACCFG1[0000_0000_0000_0000_0000_0000_0000_0101]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com