Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1209 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1209 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1205Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1206Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1207Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1208Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1209Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1210Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1211Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1212Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1213Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1209 / 1302 page
background image
Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
21-69
21.6.4 Data Extraction to the L2 Cache
Some applications require the ability to identify selected portions of data within a frame’s data
payload. This process is called extraction although the data is not truly removed. Rather than
literarily extracting a section of the data and copying it into a new memory location, the data is
placed in the L2 cache. This allows the processor to quickly access critical frame information as
soon as the processor is ready without having to first fetch the data from main memory. This
reduction in latency can result in a substantial improvement in packet processing throughput.
Extraction functionality is controlled and configured with ATTR and ATTRELI. See
Section 21.5.3.8.1, “Attribute Register (ATTR),” and Section 21.5.3.8.2, “Attribute Extract
Length and Extract Index Register (ATTRELI),” for specific register information.
21.7 Application Information
21.7.1 Interface Mode Configuration
This section describes how to configure the FEC in the MII mode. The pinout, the data registers
that must be initialized, as well as speed selection options are described.
Offset + 2 0–15
Data
Length
Data length. Written by the FEC.
Data length is the number of octets written by the FEC into this BD’s data buffer if L is
cleared (the value is equal to MRBL), or the length of the frame including CRC, if L is set.
Offset + 4 0–31
Rx Data
Buffer
Pointer
Receive buffer pointer. Written by user.
The receive buffer pointer, which always points to the first location of the associated data
buffer, must be 64-byte aligned. The buffer must reside in memory external to the FEC.
Table 21-49. Receive Buffer Descriptor Field Descriptions (continued)
Offset
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com