Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1213 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1213 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1209Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1210Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1211Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1212Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1213Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1214Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1215Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1216Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1217Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1213 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
A-1
Appendix A
Revision History
This appendix provides a list of the major differences between revisions of the MPC8540
PowerQUICC III Integrated Host Processor Reference Manual, Revision 0 and MPC8540
PowerQUICC III Integrated Host Processor Reference Manual, Revision 1.
A.1
Changes From Revision 0 to Revision 1
Major changes to the MPC8540 PowerQUICC III Integrated Host Processor Reference Manual
between Revision 0 to Revision 1 are as follows:
Section, Page
Changes
Chapters 4, 16, 18, 20
Throughout all applicable chapters, correctly state the debug mode source ID
(formerly documented to be visible on signals PCI_AD[63:59]) to be visible on
signals PCI_AD[62:58].
2.4, 2-18
In Table 2-9, correct the reset value for the I2CDFSRR register to be 0x10.
2.4, 2-27
In Table 2-9, add the following rows under the TSEC1 FIFO Control and
Status Registers section:
2.4, 2-27
In Table 2-9, correct the reset value for the OSTBD register to be
0x0800_0000.
2.4, 2-28
In Table 2-9, correct the MACCFG1 register from having R/W, R access to
R/W access.
2.4, 2-28
In Table 2-9, correct the reset value for the IFSTAT register to be
0x0000_0000.
2.4, 2-31
In Table 2-9, correct the CAR1 and CAR2 registers from having R access
to R/W access.
Also, remove the “Cleared on read” footnote designation from the CAR1
and CAR2 registers.
0x2_404C
FIFO_PAUSE_CTRL—FIFO pause control register
R/W
0x0000_0000
14.5.3.2.1/14-30
0x2_4050–
0x2_4088
Reserved
R
0x0000_0000
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com