Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1214 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1214 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1210Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1211Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1212Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1213Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1214Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1215Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1216Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1217Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1218Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1214 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
A-2
Freescale Semiconductor
Revision History
2.4, 2-32
In Table 2-9, add the following two rows under “FIFO Control and Status
Registers”:
2.4, 2-35
In Table 2-9, correct the ATTR and ATTRELI registers from having R
access to R/W access.
2.4, 2-35
In Table 2-9, correct the offset for the Reserved addresses after the EOI
register to be 0x4_00C0–0x4_0FF0.
2.4, 2-47
In Table 2-9, correct the reset value for the GPINDR register to be
0xnnnn_0000.
2.4, 2-48
In Table 2-9, correct the name of the register with offset 0xE_1094 from
PMLCB5 to PMLCB8.
2.4, 2-42–46
In Table 2-9, correct the access designation for all RapidIO Registers listed
as “Special” to read “R/W”.
4.3.1.3, 4-7
Replace the second sentence of the first paragraph to read:
“The first instruction executed by the e500 core is always address
0xFFFF_FFFC, which must be a branch to an address within the 4-Kbyte
boot page.”
4.4.3.3, 4-13
Insert the following sentence at the start of the first paragraph:
“The first instruction executed by the e500 core is always address
0xFFFF_FFFC, which must be a branch to an address within the 4-Kbyte
boot page.”
4.4.3.3, 4-14
Add the following sentence to the end of the last paragraph:
“If enabled, this translation only affects CPU accesses to 0xFFFF_Fnnn.”
4.4.4.1, 4-22
Append the end of the first paragraph of Section 4.4.4.1, with the following
sentence:
“Note that the divide-by-two CCB clock divider and the divide-by-n CCB
clock divider, shown in Figure 4-6, are located in the DDR and local bus
blocks, respectively.”
0x2_604C
FIFO_PAUSE_CTRL—FIFO pause control
register
R/W
0x0000_0000
21.5.3.2.1/21-22
0x2_6050–
0x2_6088
Reserved
R
0x0000_0000
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com