Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1218 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1218 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1214Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1215Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1216Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1217Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1218Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1219Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1220Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1221Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1222Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1218 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
A-6
Freescale Semiconductor
Revision History
6.11.3, 6-30
In Table 6-20, describe bits 34–38 as ‘Reserved’ as is properly expressed in
Figure 6-35. Disregard descriptions associated with bits 34, 35, or 36 in
Table 6-20.
6.12.2, 6-32
In Figure 6-38 and Table 6-22, describe bits 59 and 60 as “Reserved”.
6.12.5.3, 6-37
In Table 6-28, describe bits 52–56 as “Reserved for
implementation-specific use”.
6.13.3, 6-45
Remove all references to IAC3 and IAC4 from this section.
7.3.1.1, 7-8
In Table 7-2, change the description for bit 1 from “Accesses to
memory-mapped SRAM are unaffected...” to “Data in memory-mapped
SRAM regions is unaffected...”
7.3.1.1, 7-8 and 7-9
In Figure 7-7 and Table 7-2, show bit 11 to be reserved.
7.3.1.5.2, 7-16 and 7-17
In Table 7-12, change the bit descriptions for bits 27 and 31 of the
L2ERRDET register as follows:
Bit 27, TPARERR: Add the following text: “Note that if an L2 cache tag
parity error occurs on an attempt to write a new line, the L2 cache must be
flash invalidated. L2 functionality is not guaranteed if flash invalidation is
not performed after a tag parity error.”
Bit 31, L2CFGERR: Add the following text to the 1st line of description,
“Reports inconsistencies between the L2SIZ, L2BLKSZ, and L2SRAM
settings of the L2 control register (L2CTL).”
7.7.4, 7-25
Add the following note after the second paragraph:
NOTE
There is a scenario in which a lock clear operation appears to fail to
clear a lock in the L2 cache. This occurs only when the attempt to set
the lock results in a bus error (for example, PCI returns an error
condition).
Assume the following scenario:
1. The e500 attempts to set a lock in the L2 cache (by executing a
dcbtls or icbtls instruction with CT = 1). The line is not already
present in the cache, so it must be read from external memory. This
read encounters an error which, depending on the chip configuration,
will be reported to the core (probably as an interrupt).
2. At (or near) the same time, a cache external write to the same cache
line is being mastered by the ECM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com