Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1222 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1222 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1218Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1219Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1220Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1221Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1222Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1223Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1224Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1225Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1226Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1222 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
A-10
Freescale Semiconductor
Revision History
9.4.1.1, 9-10
In Table 9-6, change the CSn_BNDS[EAn] field description to read:
“Ending address for chip select (bank) n. This value is compared against the
8 msbs of the address.”
9.4.1.4, 9-13
In Table 9-9, replace all instances of |CASLAT| with
.
9.4.1.5, 9-14
In Table 9-10, change the setting of the MBEE bit in the
DDR_SDRAM_CFG[ECC_EN] description to read as follows:
“ECC enable. Note that uncorrectable read errors may cause the assertion
of core_fault_in, which causes the core to generate a machine check
interrupt unless it is disabled (by clearing HID1[RFXE]). If RFXE is zero
and this error occurs, ERR_DISABLE[MBED] must be zero and
ERR_INT_EN[MBEE] and ECC_EN must be one to ensure an interrupt is
generated. See Section 6.10.2, “Hardware Implementation-Dependent
Register 1 (HID1).
0
No ECC errors are reported. No ECC interrupts are generated.
1
ECC is enabled.”
9.4.1.7, 9-16
In Table 9-12, add the following last sentence to the
DDR_SDRAM_INTERVAL[REFINT] field description:
“Note that REFINT must be set to a non-zero value in order for the DDR to
enter sleep mode. See Section 18.5.1.5.3, “Sleep Mode,” for additional
details.”
9.4.1.15, 9-21
Change the setting of MBEE bit in the ERR_DISABLE[MBED]
description to read as follows:
Multiple-bit ECC error disable
0
Multiple-bit ECC errors are detected if
DDR_SDRAM_CFG[ECC_EN] is set. They are reported if
ERR_INT_EN[MBEE] is set. Note that uncorrectable read errors
cause the assertion of core_fault_in, which causes the core to generate
a machine check interrupt, unless it is disabled (by clearing
HID1[RFXE]). If RFXE is zero and this error occurs, MBED must be
zero and ERR_INT_EN[MBEE] and ECC_EN must be one to ensure
that an interrupt is generated.
1
Multiple-bit ECC errors are not detected or reported.
9.4.1.16, 9-21
Change the setting of the MBEE bit in the ERR_INT_EN[MBEE]
description to read as follows:
“Multiple-bit ECC error interrupt enable. Note that uncorrectable read
errors may cause the assertion of core_fault_in, which causes the core to
CASLAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com