Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1220 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1220 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1216Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1217Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1218Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1219Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1220Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1221Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1222Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1223Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1224Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1220 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
A-8
Freescale Semiconductor
Revision History
7.9.1.2 Memory-Mapped SRAM Initialization
After power-on reset, the contents of the data and ECC arrays and are
random, so all SRAM data must be initialized before it is read. If the cache
is initialized by the core or any other device that uses sub-cacheline
transactions, ECC error checking should be disabled during the
initialization process to avoid false ECC errors generated during the
read-modify-write process used for sub-cacheline writes to the SRAM
array. This is done by setting the multi- and single-bit ECC error disable bits
of the L2 error disable register (L2ERRDIS[MBECCDIS, SBECCDIS]).
See Section 7.3.1.9.2, “Error Control and Capture Registers.” If the array is
initialized by a DMA engine using cache-line writes, then ECC checking
can remain enabled during the initialization process.
Also, add new Section 7.10.2, “Managing Errors,” with subsections Section
7.10.2.1, “ECC Errors,” and Section 7.10.2.2, “Tag Parity Errors.”
7.10.2.1 ECC Errors
An individual soft error that causes a single- or mulit-bit ECC error can be
cleared from the L2 array simply by executing a dcbf instruction for the
address captured in the L2ERRADDR register. This will invalidate the line
in the L2 cache. When the load that caused the ECC error is performed
again, the data will be re-allocated into the L2 with ECC bits set properly
again.
If the threshold for single bit errors set in the L2ERRCTL register is
exceeded, then the L2 cache should be flash invalidated to clear out all
single-bit errors.
Note that no data is lost by executing dcbf instructions or flash invalidate
operations because the L2 cache is write-through and contains no modified
data.
7.10.2.2 Tag Parity Errors
A tag parity error must be fixed by flash invalidating the L2 cache. Note that
executing a dcbf instruction for the address that caused the error to be
reported is not sufficient because a tag parity error is seen as an L2 miss and
does not cause invalidation of the bad tag. Proper L2 operation cannot be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com