Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1221 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1221 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1217Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1218Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1219Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1220Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1221Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1222Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1223Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1224Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1225Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1221 / 1302 page
background image
Changes From Revision 0 to Revision 1
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
A-9
guaranteed if an L2 tag parity error is not repaired by a flash invalidation of
the entire array.
9.3.2.1, 9-6
In Table 9-3, change the Timing description for the MA[0:14] signals to
read:
“Assertion/Negation—The address is always driven when the memory
controller is active. It is valid when a transaction is driven to DRAM (when
MCSn is negated).
High-impedance—When the memory controller is idle.”
9.3.2.1, 9-6
In Table 9-3, change the Timing description for the MCAS signal to read:
“Assertion/Negation—Assertion and negation timing is directed by the
values described in Section 9.4.1.3, “DDR SDRAM Timing
Configuration 1 (TIMING_CFG_1).”
High-impedance—MCAS is always driven unless the memory controller is
idle.”
9.3.2.1, 9-7
In Table 9-3, change the Timing description for the MRAS signal to read:
“Assertion/Negation—Timing is directed by the values described in Section
9.4.1.3, “DDR SDRAM Timing Configuration 1 (TIMING_CFG_1).”
High-impedance—MRAS is always driven unless the memory controller is
idle.”
9.3.2.1, 9-7
In Table 9-3, change the Timing description for the MWE signal to read:
“Assertion/Negation—Similar timing as MRAS and MCAS. Used for write
commands.
High-impedance—MWE is always driven unless the memory controller is
idle.”
9.3.2.2, 9-8
In Table 9-4, correct the “MCKE” signal name to read “MCKE[0:1]”.
Also, change the first full sentence of the MCKE[0:1] signal description to
read:
“Two identical output signals (each hereafter referred to simply as MCKE)
used as the clock enable to one or more SDRAMs.”
9.3.2.2, 9-8
In Table 9-4, change the Timing description for the MCKE[0:1] signal to
read:
“Assertion/Negation—Similar timing to MAn.
High-impedance—Always driven.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com