Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1225 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1225 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1221Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1222Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1223Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1224Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1225Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1226Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1227Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1228Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1229Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1225 / 1302 page
background image
Changes From Revision 0 to Revision 1
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
A-13
9.5.8.1, 9-40
In Figure 9-33, remove the annotation of “0 or 3” in clock 12.
9.5.8.2, 9-41
After the second paragraph, add the following paragraph:
“All open pages are precharged before self refresh mode is entered.”
Also, correct the last sentence of the fifth paragraph to read:
“This mode is controlled with DDR_SDRAM_CFG[DYN_PWR].”
9.5.9, 9-43
Replace the third and fourth sentences of this section with the following:
“If ECC is enabled for a sub-doubleword write transaction, a full
read-modify-write is performed to properly update ECC bits. If ECC is
disabled then no read-modify-write is required for sub-doubleword writes,
and the data masks (MDM[0:8]) are used to prevent writing unwanted data
to SDRAM.”
9.5.11, 9-44
Add the following sentences before the second-to-last sentence of the
second paragraph:
“This read-modify-write operation is performed as an atomic transaction in
the DDR controller. The write command is then issued 3-5 memory clocks
after the completion of the read, depending on various system parameters.”
9.5.12, 9-46
In the last paragraph, delete the three sentences that start and end with, “For
all memory select errors...” and “...to show the transaction is not real.”
9.6.1, 9-48
In the second sentence, replace “after the DLL has locked” with the
following:
“after the memory clocks are stable (that is, the DLL has locked or
initialization is complete of all clock related configuration registers).”
Replace the last sentence of the first paragraph with the following:
“After MEM_EN has been set, the DDR memory controller automatically
performs the JEDEC-compliant initialization sequence to initialize
memories according to the information in the SDMODE and ESDMODE
fields of the DDR_SDRAM_MODE register. The initialization sequence is
as follows:”
After the numbered list, add the following sentence:
“Note that the BA0 and BA1 bits are automatically driven appropriately
during the MODE REGISTER SET commands.” Then the final sentence
should be changed to, “After this automatic initialization is complete the
memory array is ready for access and the memory controller begins
processing memory transactions as they arrive.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com