Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1229 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1229 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1225Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1226Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1227Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1228Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1229Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1230Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1231Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1232Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1233Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1229 / 1302 page
background image
Changes From Revision 0 to Revision 1
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
A-17
13.4.4.2, 13-65
Add the following third paragraph:
“Note that the UPM memory region must be cache-inhibited or
write-through (the MMU page must have the I or W bit set) during the time
that the UPM array is being written. If the memory is to be cacheable and/or
copyback, the MMU must be set accordingly after the UPM array is
initialized.”
13.4.7.3, 13-55
In the section title, change “CAS” to “CAS”.
Chapter 14, 21
For consistency, change all instances of “HFE”, “Huge_Frame”, and
“HUGE FRAME” to “Huge Frame”.
14.2, 14-7
In the first bullet item of the TSEC features list, change “820.3x” to
“802.3x.”
14.2, 14-7
Change the fifth element of the second bullet item in the TSEC features list
to read:
“– 10/100 Mbps RMII”
14.5.2, 14-14
In Table 14-3, add the following as the first row under the TSEC1 FIFO
Control and Status Registers section:
14.5.2, 14-15
In Table 14-3, correct the reset value for the OSTBD register to
0x0800_0000.
14.5.2, 14-16
In Table 14-3, correct the MACCFG1 register from having R/W, R access
to R/W access.
14.5.2, 14-16
In Table 14-3, correct the IFSTAT register from having R access to R/W
access.
14.5.2, 14-16
In Table 14-3, change the reset value for the TSEC IFSTAT register to be
0x0000_0000.
14.5.2, 14-18
In Table 14-3, correct the CAR1 and CAR2 registers from having R access
to R/W access.
14.5.2, 14-18
In Table 14-3, remove the incorrect "Cleared on read" footnote designation
from the CAR1 and CAR2 registers.
14.5.2, 14-19
In Table 14-3, correct the ATTR and ATTRELI registers from having R
access to R/W access.
14.5.3.1.1, 14-20
In Table
14-4, correct the IEVENT[RXC] bitfield description to read as follows:
“Receive control interrupt. A control frame was received. If
MACCFG1[Rx_Flow] is set, a pause operation is performed lasting for the
0x2_404C
FIFO_PAUSE_CTRL—FIFO pause control register
R/W
0x0000_0000
14.5.3.2.1/A-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com