Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1233 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1233 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1229Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1230Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1231Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1232Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1233Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1234Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1235Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1236Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1237Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1233 / 1302 page
background image
Changes From Revision 0 to Revision 1
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
A-21
14.5.3.6.1, 14-47
Replace Figure 14-34 with the following figure:
14.5.3.6.1, 14-48
In Table 14-32, add the following sentence to the MACCFG1[Rx_EN] field
description:
“If set, prior to clearing this bit, set DMACTRL[GRS] then confirm
subsequent occurrence of the graceful receive stop interrupt
(IEVENT[GRSC] is set).”
14.5.3.6.1, 14-48
In Table 14-32, add the following sentence to the MACCFG1[Tx_EN] field
description:
“If set, prior to clearing this bit, set DMACTRL[GTS] then confirm
subsequent occurrence of the graceful transmit stop interrupt
(IEVENT[GTSC] is set).”
14.5.3.6.6, 14-52
In Table 14-37, clarify the bit description of the Mgmt Clock Select field of
the MIIMCFG register so that instead of concluding with “... divided by
eight.” the third sentence concludes with “... divided first by eight and then
futher divided by the following value:”.
14.5.3.6.12, 14-55
Delete the first sentence and replace Figure 14-45 with the following figure
(exposing the Link Fail status field):
0
1
11
12
13
14
15
R
Soft_Reset
00 00 0 0
0
0 0
0
0
Reset
Rx MC
Reset
Tx MC
Reset
Rx Fun
Reset
Tx Fun
W
Reset
0000_0000_0000_0000
16
22
23
24 25
26
27
28
29
30
31
R
0
00 00 0 0
Loop Back
00
Rx_Flow Tx_Flow
Sync’d Rx EN
Rx_EN
Sync’d Tx EN
Tx_EN
W
Reset
0000_0000_0000_0000
Offset
TSEC1:0x2_4500; TSEC2:0x2_5500
0
21
22
23
28
31
R
00000000 0000000000000
0
Excess
Defer
0
0000
Link
Fail
00
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_453C; TSEC2:0x2_553C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com