Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1232 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1232 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1228Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1229Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1230Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1231Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1232Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1233Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1234Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1235Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1236Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1232 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
A-20
Freescale Semiconductor
Revision History
pause frame. Next, the MAC clears TFC_PAUSE and resumes transmitting
data frames. Note that if the transmitter is paused due to user assertion of
GTS or reception of a PAUSE frame, the MAC may still transmit a MAC
control PAUSE frame.
0
No outstanding pause frame transmission request.
1
Pause frame transmission requested.”
14.5.3.3.6, 14-35
Change the last sentence in the first paragraph to read:
“Although not necessary in most applications, the user can modify this
register when the transmitter has been gracefully stopped or halted, as
indicated by IEVENT[GTSC] or TSTAT[THLT].”
14.5.3.3.8, 14-38
In Table 14-22, add the following sentence to the OSTBDLEN field
description:
“This field must be greater than zero in order for a transfer to take place.”
14.5.3.4.2, 14-40
In Table 14-25, change the description for the RSTAT[QHLT] field to read:
“RxBD queue is halted. When IEVENT[BSY] or IEVENT[EBERR] is set
during reception of a packet, RSTAT[QHLT] is also set. In order to begin
receiving packets again, the user must clear RSTAT[QHLT]. This bit is set
whenever the TSEC reads an RxBD with its Empty field cleared or
encounters a system bus error while processing an RX packet. It is a
hardware-initiated stop indication (DMA_CTRL[GRS] being set by the
user does not cause this bit to be set.). The current frame and all other frames
directed to the halted queue are discarded. A write with a value of 1
re-enables the queue for receiving.
0
RxBD queue is enabled for Ethernet reception. (That is, it is not
halted.)
1
All Ethernet controller receive activity to RxBD queue is halted.”
14.5.3.4.2, 14-39
Replace Figure 14-27 with the following figure:
0
789
31
R0 00 00000
QHLT
000000 0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4304; TSEC2:0x2_5304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com