Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1236 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1236 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1232Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1233Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1234Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1235Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1236Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1237Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1238Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1239Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1240Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1236 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
A-24
Freescale Semiconductor
Revision History
14.6.2.6.2, 14-114
In the first paragraph, replace the third and fourth sentences with the
following:
“The eight high-order bits of a cyclic redundancy check (CRC) checksum
are used to index into the hash table.”
14.6.2.6.3, 14-114
Add the following section after Section 14.6.2.6.2:
14.6.2.6.3 CRC Computation Examples
There are many algorithms for calculating the CRC value of a number.
Refer to the RFC 3309 standard, which can be found at
http://www.faqs.org/rfcs/rfc3309.html, to compute the CRC value for the
purposes of TSEC. The RFC 3309 algorithm uses the following polynomial
to calculate the CRC value:
x32+x26+x23+x22+x16+x12+x11+x10+x8+x7+x5+x4+x2+x1+x0 or
0x04c11db7.
Given a destination MAC address of DA=01000CCCCCCC, the algorithm
results in a CRC remainder value of 0xA29F4BBC.
Bit-reversing the low-order byte of the CRC value (0xBC) yields BR_CRC
= 0x3D = 0b00111101
The high-order 3-bits of the new BR_CRC value are used to select which
32-bit register (of the 8) to use. This example maps the DA to register 1.
High-order 3 bits of BR_CRC: HO_CRC = 0b001 = 1
The low-order 5 bits are used to select which bit to set in the given register
(with a value of 0 setting 0x8000_0000 and 31 setting 0x0000_0001).
Therefore, the example DA maps to bit 29 of register 1.
Low-order 5 bits of BR_CRC: LO_CRC = 0b11101 = 29
Therefore, GADDR1 is ORed with the value 0x0000_0004.
Additional calculated examples follow:
Example 1:
•Destination MAC address: DA = 01005E000128
•CRC remainder value: CRC = 0x821D6CD3
•Bit-reversed least-significant byte of CRC value: BR_CRC = 0xCB =
0b11001011
•High-order 3 bits of BR_CRC: HO_CRC = 0b110 = 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com