Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1237 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1237 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1233Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1234Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1235Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1236Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1237Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1238Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1239Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1240Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1241Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1237 / 1302 page
background image
Changes From Revision 0 to Revision 1
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
A-25
•Low-order 5 bits of BR_CRC: LO_CRC = 0b01011 = 11
•GADDR6 = 0x0010_0000
Example 2:
•Destination MAC address: DA = 0004F0604F10
•CRC remainder value: CRC = 0x1F5A66B5
•Bit-reversed least-significant byte of CRC value: BR_CRC = 0xAD =
0b10101101
•High-order 3 bits of BR_CRC: HO_CRC = 0b101 = 5
•Low-order 5 bits of BR_CRC: LO_CRC = 0b01101 = 13
•GADDR5 = 0x0004_0000
14.6.2.8, 14-116
In Table 14-115, corrected the RXC description to read as follows:
“Receive control: A control frame was received. As soon as the transmitter
finishes sending the current frame, a pause operation is performed lasting
for the duration specified in the received pause control frame and beginning
when the frame was first received.”
14.6.2.11, 14-118
Insert the following paragraph after the first paragraph:
“Programming note: When the TSEC encounters a halt condition
(TSTAT[THLT] is set), it stops processing the frame at the current TxBD.
The TSEC relies on the user to manage the buffer descriptor pointer,
TBPTR, or the buffer descriptor queue before resuming transmissions. Once
the TSEC resumes, it fetches the TxBD pointed to by TBPTR.”
14.6.3, 14-120
Between the second and third paragraph, add the following:
“The status field of the BD is 16-bit field, as is the length field. The data
buffer pointer is a 32-bit field. Therefore, the BDs should be accessed with
the following C structure:
typedef unsigned short uint_16; /* choose 16-bit native type */
typedef unsigned int uint_32; /* choose 32-bit native type */
typedef struct bd_struct {
uint_16 flags;
uint_16 length;
uint_32 bufptr;
};”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com