Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1238 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1238 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1234Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1235Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1236Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1237Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1238Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1239Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1240Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1241Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1242Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1238 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
A-26
Freescale Semiconductor
Revision History
14.6.3.2, 14-124
In Table 14-120, change the LG bitfield description to read as follows:
“Rx frame length violation. Written by TSEC. (Only valid if L is set.) A
frame length greater than maximum frame length was recognized while
MACCFG2[HUGE FRAME] was set. Note, if MACCFG2[HUGE
FRAME] is cleared, the frame is truncated to the value programmed in the
Maximum Frame Length register.”
14.6.4, 14-125
Change the first paragraph to read:
“Some applications require the ability to identify selected portions of data
within a frame’s data payload. This process is called extraction, although
the data is not truly removed. Rather than literarily extracting a section of
the data and copying it into a new memory location, the data is placed in the
L2 cache. This allows the processor to quickly access critical frame
information as soon as the processor is ready without having to first fetch
the data from main memory. This results in substantial improvement in
throughput and hence reduction in latency.”
14.7.1.1, 14-129
I
n Table 14-123, add the following step immediately following the optional
DMACTRL initialization step:
14.7.1.2, 14-129
Change the title of Table 14-124 to read “GMII Interface Mode Signal
Configuration.”
14.7.1.2, 14-129
In Table 14-124, remove the TX_CLK signal from the list of GMII interface
signals and reduce the total number of signals listed at the bottom to 22.
14.7.1.2, 14-132
In Table 14-126, add the following step immediately following the optional
DMACTRL initialization step:
14.7.1.3, 14-136
In Table 14-129, add the following step immediately following the optional
DMACTRL initialization step:
14.7.1.4, 14-137
Change the title of Table 14–130 to read “RGMII Interface Mode Signal
Configuration.”
Initialize FIFO_PAUSE_CTRL,
FIFO_PAUSE_CTRL[0000_0000_0000_0000_0000_0000_0000_0010]
Initialize FIFO_PAUSE_CTRL,
FIFO_PAUSE_CTRL[0000_0000_0000_0000_0000_0000_0000_0010]
Initialize FIFO_PAUSE_CTRL,
FIFO_PAUSE_CTRL[0000_0000_0000_0000_0000_0000_0000_0010]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com