Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1240 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1240 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1236Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1237Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1238Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1239Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1240Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1241Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1242Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1243Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1244Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1240 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
A-28
Freescale Semiconductor
Revision History
maintenance transactions,” reflecting the fact that any single DARn register
can assume one of two formats.
15.3.2.10, 15-22
In Figure15-17, correct the offset value for CLSDAR2 to 0x2_1234.
15.3.2.11, 15-23
In Figure15-18, correct the offset value for the NLSDARn–DMA 2 next list
descriptor address register to 0x2_123C.
15.5.1.1.1, 15-27
Change step 1 in the sequence to read, “Poll the channel state (see
Table 15-21 "Channel State Table") to confirm that the specific DMA
channel is idle.”
15.5.1.1.2, 15-28
Change step 1 in the sequence to read, “Poll the channel state (see
Table 15-21 "Channel State Table") to confirm that the specific DMA
channel is idle.”
15.5.1.1.3, 15-29
Change step 2 in the sequence to read, “Poll the channel state (see
Table 15-21 "Channel State Table") to confirm that the specific DMA
channel is idle.”
15.5.1.1.4, 15-29
Change step 3 in the sequence to read, “Poll the channel state (see
Table 15-21 "Channel State Table") to confirm that the specific DMA
channel is idle.”
15.5.1.2.3, 15-30
Change step 2 in the sequence to read, “Poll the channel state (see
Table 15-21 "Channel State Table") to confirm that the specific DMA
channel is idle.”
15.5.1.2.4, 15-31
Change step 3 in the sequence to read, “Poll the channel state (see
Table 15-21 "Channel State Table") to confirm that the specific DMA
channel is idle.”
15.4.1.3, 15-32
Replace Figure 15-22 with the following, showing more flexible negation
of DREQ:
DREQ
CLOCK
DACK
DDONE
Transfer Start
Transfer In Progress
Transfer Done
Transfer Start
Transfer Pause
Transfer Restart
EMP_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com