Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1243 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1243 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1239Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1240Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1241Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1242Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1243Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1244Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1245Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1246Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1247Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1243 / 1302 page
background image
Changes From Revision 0 to Revision 1
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
A-31
error actions. Likewise, some errors are enabled by programming two
bits—one in the PCI bus command register and another in the PCI/X error
enable register (ERR_EN).”
16.3.2.9, 16-40
In Figure 16-35, change the reset value from “0000_0000” to “0000_0000
(PCI); 0000_1000 (PCI-X)”.
16.3.2.19, 16-47
In Table 16-46, change the description for bit 0 to read as follows:
“PCI agent/host. Read-only. Indicates the reset value of the PCI host/agent
configuration signal, LWE3.
0
PCI interface is in host mode
1
PCI interface is in agent mode”
16.4.1, 16-51
Replace the second and third sentences of the third paragraph with the
following:
“The state of the reset signal is reflected in bit 15 (read-only) of the PCI bus
arbitration control register (PBACR[PAD]). Note that PAD is the inverse of
the arbiter configuration signal; that is, when PAD = 0 the arbiter is enabled,
and when PAD = 1 the arbiter is disabled.”
16.4.1.3, 16-53
Add the following to the end of the first paragraph:
“Note that the PCI-X bus arbiter does not support the broken master lockout
function.”
16.4.2.11.1, 16-69
Insert the following between the first and second sentences in the first
paragraph:
“Note that the Bus Master bit in the MPC8540’s PCI bus command register
must be set before an outbound configuration access is attempted.”
16.4.2.11.2–16.4.2.11.3, 16-69–16-71
Replace the existing sections with the following:
16.4.2.11.2 Accessing the PCI Configuration Space in Host Mode
To access the configuration space, a 32-bit value must be written to the PCI
CFG_ADDR register that specifies the target PCI bus, the target device on
that bus, and the configuration register to be accessed within that device.
Note that the Bus Master bit in the MPC8540’s PCI bus command register
must be set before an outbound configuration access is attempted. Device 0
on PCI/X bus 0 is the MPC8540 itself; thus, device 0, bus 0 is used to access
the internal PCI/X configuration header.
When the MPC8540 detects an access to PCI CFG_DATA, it checks the
enable flag and the device number in the PCI CFG_ADDR register. If the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com