Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1245 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1245 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1241Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1242Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1243Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1244Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1245Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1246Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1247Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1248Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1249Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1245 / 1302 page
background image
Changes From Revision 0 to Revision 1
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
A-33
Example: Configuration sequence, 4-byte data write to PCI/X register at
address offset 0x14 of Device 1 on PCI/X bus 0.
Initial values:
r0 contains 0x8000_0814
r1
contains
CCSRBAR
+
0x0_8000
(Address
of
PCI
CFG_ADDR
register)
r2
contains
CCSRBAR
+
0x0_8004
(Address
of
PCI
CFG_DATA
register)
r3 contains 0x1122_3344
Register at 0x14 contains 0xFFFF_FFFF (0x17 to 0x14)
Code sequence:
stw r0, 0 (r1)// Update PCI CFG_ADDR register to point to
//register offset 0x14 of device 1.
stwbrx r3, 0 (r2)
Results:
Address CCSRBAR + 0x0_8000 contains 0x8000_0814
Register at 0x14 contains 0x1122_3344 (0x17 to 0x14)
Example: Configuration sequence, 2-byte data write to PCI register at
address offset 0x1C of Device 1 on PCI/X bus 0.
Initial values:
r0 contains 0x8000_081C
r1 contains CCSRBAR + 0x0_8000
r2 contains CCSRBAR + 0x0_8004
r3 contains 0xDDCC_BBAA
Register at 0x1C contains 0xFFFF_FFFF (0x1F to 0x1C)
Code sequence:
stw r0, 0 (r1)
sthbrx r3, 0 (r2)
Results:
Address CCSRBAR + 0x0_8000 contains 0x8000_081C
Register at 0x1C contains 0xFFFF_BBAA (0x1F to 0x1C)
16.4.2.11.3 PCI Configuration in Agent and Agent Lock Modes
In general, agents should not access the configuration space of other
external PCI devices. Configuration of agents is a function usually reserved
for the host. When the MPC8540 is in agent mode, it responds to remote
host-generated PCI/X configuration cycles. This occurs when a
configuration command is decoded along with the IDSEL input signal being
asserted. When the MPC8540 is in agent lock mode, it retries all
externally-generated PCI/X configuration cycles until the ACL bit in the
PCI bus function register (0x44) is set. See Section 16.5.1, “Power-On
Reset Configuration Modes,” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com