Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1249 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1249 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1245Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1246Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1247Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1248Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1249Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1250Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1251Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1252Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1253Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1249 / 1302 page
background image
Changes From Revision 0 to Revision 1
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
A-37
16.5.4, 16–95
Add the following new section:
16.5.4 PCI-X Inbound Reads that Cross Window Boundaries
For Rev. 1 of the MPC8540, inbound PCI-X read requests can cross a
window boundary. For Rev. 2, if an inbound PCI-X read request crosses a
window boundary, the MPC8540 responds with a split completion message
indicating an error but does not return any data. This is a deviation from the
PCI-X specification which describes that data is returned up to the window
boundary.
16.5.5, 16–95
Add the following new section:
16.5.5 Bridging Between RapidIO and PCI/X
The MPC8540 does not support bridging from RapidIO according to the
RapidIO Interoperability Specification. If an external RapidIO device tries
to target the MPC8540 with a RapidIO NWRITE-R transaction or with any
RapidIO write at a priority level higher than 0, and the RapidIO inbound
ATMU routes the transaction to the PCI/PCI-X interface, the MPC8540
could deadlock internally.
Therefore, the use of RapidIO NWRITE-R transactions must be avoided in
bridging applications to the PCI/X controller, and all RapidIO writes
targeting the PCI/X controller must be of priority level 0. This means
transaction ordering is relaxed because read responses will not necessarily
push posted writes in the bridge, and writes will never bypass read requests.
Note that this specifically precludes the topology where two MPC8540s
communicating with each other via PCI or PCI-X may deadlock when two
RapidIO devices (one on each MPC8540) are simultaneously performing
priority-1 writes to targets on the remote MPC8540 through the PCI/X link
between the devices. To support such a topology, RapidIO write
transactions that bridge to the other MPC8540 must be priority 0.
17.3, 17-9–2-13
In Table 17-6, correct the access designation for all RapidIO Registers listed
as “Special” to “R/W”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com