Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1250 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1250 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1246Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1247Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1248Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1249Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1250Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1251Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1252Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1253Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1254Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1250 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
A-38
Freescale Semiconductor
Revision History
17.3.1.5, 17-16
In Table 17-11, correct the PEFCAR[CTLS] bitfield state description to
read as follows:
“0
The RapidIO controller does not support the large common transport
route field.
1
The RapidIO controller supports the large common transport route
field."
17.3.1.20, 17-30
In Table 17-26, add the following cross-reference to the field description for
PLMREQCSR[C]:
“See Table 17-85 for command symbol formats.”
17.4.1, 17-83
In Table 17-83, add the following to the "Comments" field for
"Maintenance Class" reads:
"Although possible to execute, RapidIO maintenance reads from memory
locations outside of the RapidIO architectural memory space
(0xC_0000–0xC_FFFC) return unreliable data."
17.4.1, 17-86
In Table 17-85, add the following to the "Comments" field of the symbol
type 5 (Link Request) control symbol format description:
"Note that the RapidIO controller causes a checkstop if a software-initiated
send training link request command collides with an inbound send training
link request which is immediately followed by an inbound training pattern."
18.4, 18-4
In Table 18-3, change the reset value of the GPINDR register to be
0xnnnn_0000.
18.4.1.9, 18-11
In Figure 18-9, change the reset value of the GPINDR register to be
nnnn_nnnn_nnnn_nnnn_0000_0000_0000_0000.
18.4.1.14, 18-17
In Table 18-17, change the bit ranges “32–47” to “0–15” and “48–63” to
“16–31”.
18.5.1.5.3, 18-23
Add the following sentence to the end of the first paragraph:
“Note that the DDR controller does not shut down unless
DDR_SDRAM_INTERVAL[REFINT] is set to a non-zero value. See
Section 9.4.1.7, “DDR SDRAM Interval Configuration
(DDR_SDRAM_INTERVAL),” for details.”
19.3.1, 19-4
In Table 19-1, correct the name of the register with offset 0xE_1094 from
PMLCB5 to PMLCB8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com