Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1254 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1254 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1250Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1251Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1252Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1253Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1254Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1255Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1256Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1257Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1258Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1254 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
A-42
Freescale Semiconductor
Revision History
TFC_PAUSE is then set, the MAC stops transmission of data frames after
the current transmission completes. The GTSC interrupt in the IEVENT
register is asserted. With transmission of data frames stopped, the MAC
transmits a MAC control PAUSE frame with the duration value obtained
from the PTV register. The TXC interrupt occurs after sending the control
pause frame. Next, the MAC clears TFC_PAUSE and resumes transmitting
data frames. Note that if the transmitter is paused due to user assertion of
GTS or reception of a PAUSE frame, the MAC may still transmit a MAC
control PAUSE frame.
0
No outstanding pause frame transmission request.
1
Pause frame transmission requested.”
21.5.3.4.2, 21-31
In Table 21-22, replace the description for the RSTAT[QHLT] field with the
following:
“RxBD queue is halted. When IEVENT[BSY] or IEVENT[EBERR] is set
during reception of a packet, RSTAT[QHLT] is also set. In order to begin
receiving packets again, the user must clear RSTAT[QHLT]. This bit is set
whenever the FEC reads an RxBD with its Empty field cleared or
encounters a system bus error while processing an RX packet. It is a
hardware-initiated stop indication (DMA_CTRL[GRS] being set by the
user does not cause this bit to be set.). The current frame and all other frames
directed to the halted queue are discarded. A write with a value of 1
re-enables the queue for receiving.
0
RxBD queue is enabled for Ethernet reception. (That is, it is not
halted.)
1
All Ethernet controller receive activity to RxBD queue is halted.”
21.5.3.4.2, 21-30
Replace Figure 21-23 with the following figure:
21.5.3.6.1, 21-37
In Table 21-28, add the following sentence to the MACCFG1[Rx_EN] field
description:
“If set, prior to clearing this bit, set DMACTRL[GRS] then confirm
subsequent occurrence of the graceful receive stop interrupt
(IEVENT[GRSC] is set).”
07
8
9
31
R 0
000 0000
QHLT
0
0
0
000 0000 0000 0000 00000
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_6304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com