Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1256 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1256 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1252Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1253Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1254Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1255Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1256Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1257Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1258Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1259Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1260Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1256 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
A-44
Freescale Semiconductor
Revision History
21.6.2.2, 21-48
Replace the soft reset steps with the following:
1.Set GTS bit in DMACTRL register.
2.Poll GTSC bit in IEVENT register until detected as set.
3.Clear both Rx_EN and Tx_EN bits in MACCFG1.
4.Wait for a period of 9.6 Kbytes worth of data on the interface (~8ms
worst case).
5.Set GRS bit in DMACTRL register.
6.Poll GRSC bit in IEVENT register until detected as set.
7.Set Soft_Reset bit in MACCFG1 register.
8.Clear Soft_Reset bit in MACCFG1 register.
9.Load TBASE with new TxBD pointer.
10.Load RBASE with new RxBD pointer.
11.Set up other MAC registers (MACCFG2, MAXFRM, and so on).
12.Set WWR and WOP bits in DMACTRL register.
13.Clear THLT bit in TSTAT register and QHLT bit in RSTAT register by
writing 1 to these bits.
14.Clear GRS/GTS bits in DMACTRL. (Do not change other bits.)
15.Enable Tx_EN/Rx_EN in MACCFG1 register.
21.6.2.3, 21-49
Replace the second paragraph with the following:
"If the user has a frame ready to transmit, a transmit-on-demand function
may be emulated while in polling mode by using the graceful-transmit-stop
feature. First, clear the IMASK[GTSCEN] bit to mask the
graceful-transmit-stop complete interrupt. Next set, then immediately clear
the DMACTRL[GTS] bit. Clear the resulting IEVENT[GTSC] bit. Finally,
the IMASK[GTSCEN] bit may be set once again."
21.6.2.3, 21-50
Insert the following sentence between the third and (formerly) fourth
sentences of the sixth paragraph:
"The pause duration is defined by the received pause control frame and
begins when the frame was first received."
21.6.2.5.2, 21-54
Replace the third and fourth sentences of the first paragraph with the
following:
“The eight high-order bits of a cyclic redundancy check (CRC) checksum
are used to index into the hash table.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com