Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1259 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1259 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1255Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1256Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1257Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1258Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1259Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1260Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1261Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1262Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1263Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1259 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
Glossary-1
Glossary of Terms and Abbreviations
The glossary contains an alphabetical list of terms, phrases, and abbreviations used in this
reference manual.
A
Architecture. A detailed specification of requirements for a processor or computer
system. It does not specify details of how the processor or computer system
must be implemented; instead it provides a template for a family of
compatible implementations.
Atomic access. A bus access that attempts to be part of a read-write operation to the
same address uninterrupted by any other access to that address (the term
refers to the fact that the transactions are indivisible). The PowerPC
architecture implements atomic accesses through the lwarx/stwcx.
instruction pair.
Autobaud. The process of determining a serial data rate by timing the width of a
single bit.
B
Beat. A single state on the bus interface that may extend across multiple bus cycles.
A transaction can be composed of multiple address or data beats.
Big endian. A byte-ordering method in memory where the address n of a word
corresponds to the most-significant byte. In an addressed memory word, the
bytes are ordered (left to right) 0, 1, 2, 3, with 0 being the most-significant
byte. See Little endian.
Boundedly undefined. A characteristic of certain operation results that are not
rigidly prescribed by the PowerPC architecture. Boundedly- undefined
results for a given operation may vary among implementations and between
execution attempts in the same implementation.
Although the architecture does not prescribe the exact behavior for when
results are allowed to be boundedly undefined, the results of executing
instructions in contexts where results are allowed to be boundedly
undefined are constrained to ones that could have been achieved by
executing an arbitrary sequence of defined instructions, in valid form,
starting in the state the machine was in before attempting to execute the
given instruction.
Breakpoint. A programmable event that forces the core to take a breakpoint
exception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com