Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1262 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1262 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1258Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1259Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1260Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1261Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1262Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1263Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1264Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1265Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1266Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1262 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Glossary-4
Freescale Semiconductor
G
General-purpose register (GPR). Any of the 32 registers in the general-purpose
register file. These registers provide the source operands and destination
results for all integer data manipulation instructions. Integer load
instructions move data from memory to GPRs and store instructions move
data from GPRs to memory.
Guarded. The guarded attribute pertains to out-of-order execution. When a page is
designated as guarded, instructions and data cannot be accessed
out-of-order.
H
Harvard architecture. An architectural model featuring separate caches and other
memory management resources for instructions and data.
I
IEEE 754. A standard written by the Institute of Electrical and Electronics
Engineers that defines operations and representations of binary
floating-point numbers.
Illegal instructions. A class of instructions that are not implemented for a
particular PowerPC processor. These include instructions not defined by the
PowerPC architecture. In addition, for 32-bit implementations, instructions
that are defined only for 64-bit implementations are considered to be illegal
instructions. For 64-bit implementations instructions that are defined only
for 32-bit implementations are considered to be illegal instructions.
Implementation. A particular processor that conforms to the PowerPC
architecture, but may differ from other architecture-compliant
implementations for example in design, feature set, and implementation of
optional features. The PowerPC architecture has many different
implementations.
Imprecise exception. A type of synchronous exception that is allowed not to adhere
to the precise exception model (see Precise exceptions). The PowerPC
architecture allows only floating-point exceptions to be handled
imprecisely.
Inbound ATMU windows. Mappings that perform address translation from the
external address space to the local address space, attach attributes and
transaction types to the transaction, and map the transaction to its target
interface.
Inter-packet gap. The gap between the end of one Ethernet packet and the
beginning of the next transmitted packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com