Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1266 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1266 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1262Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1263Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1264Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1265Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1266Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1267Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1268Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1269Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1270Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1266 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Glossary-8
Freescale Semiconductor
Physical medium attachment (PMA) sublayer. Sublayer responsible for
serializing code groups into a bit stream suitable for serial bit-oriented
physical devices (SERDES) and vice versa. Synchronization is also
performed for proper data decoding in this sublayer. The PMA sits between
the PCS and the PMD sublayers.
Physical medium dependent (PMD) sublayer. Sublayer responsible for signal
transmission. The typical PMD functionality includes amplifier,
modulation, and wave shaping. Different PMD devices may support
different media.
Physical memory. The actual memory that can be accessed through the system’s
memory bus.
Pipelining. A technique that breaks operations, such as instruction processing or
bus transactions, into smaller distinct stages or tenures (respectively) so that
a subsequent operation can begin before the previous one has completed.
Precise exceptions. A category of exception for which the pipeline can be stopped
so instructions that preceded the faulting instruction can complete and
subsequent instructions can be flushed and redispatched after exception
handling has completed. See Imprecise exceptions.
Primary opcode. The most-significant 6 bits (bits 0–5) of the instruction encoding
that identifies the type of instruction.
Program order. The order of instructions in an executing program. More
specifically, this term is used to refer to the original order in which program
instructions are fetched into the instruction queue from the cache.
Protection boundary. A boundary between protection domains.
Protection domain. A protection domain is a segment, a virtual page, a BAT area,
or a range of unmapped effective addresses. It is defined only when the
appropriate relocate bit in the MSR (IR or DR) is 1.
Q
Quad word. A group of 16 contiguous locations starting at an address divisible by
16.
Quiesce. To come to rest. The processor is said to quiesce when an exception is
taken or a sync instruction is executed. The instruction stream is stopped at
the decode stage and executing instructions are allowed to complete to
create a controlled context for instructions that may be affected by
out-of-order, parallel execution. See Context synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com