Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1269 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1269 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1265Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1266Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1267Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1268Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1269Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1270Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1271Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1272Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1273Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1269 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
Glossary-11
Synchronization. A process to ensure that operations occur strictly in order. See
Context synchronization.
Synchronous exception. An exception that is generated by the execution of a
particular instruction or instruction sequence. There are two types of
synchronous exceptions, precise and imprecise.
System memory. The physical memory available to a processor.
T
Time-division multiplex (TDM). A single serial channel used by several channels
taking turns.
Tenure. The period of bus mastership. There can be separate address bus tenures
and data bus tenures.
TLB (translation lookaside buffer). A cache that holds recently-used page table
entries.
Throughput. The measure of the number of instructions that are processed per
clock cycle.
Transaction. A complete exchange between two bus devices. A transaction is
typically comprised of an address tenure and one or more data tenures,
which may overlap or occur separately from the address tenure. A
transaction may be minimally comprised of an address tenure only.
Transfer termination. Signal that refers to both signals that acknowledge the
transfer of individual beats (of both single-beat transfer and individual beats
of a burst transfer) and to signals that mark the end of the tenure.
U
User mode. The operating state of a processor used typically by application
software. In user mode, software can access only certain control registers
and can access only user memory space. No privileged operations can be
performed. Also referred to as problem state.
V
Virtual address. An intermediate address used in the translation of an effective
address to a physical address.
Virtual memory. The address space created using the memory management
facilities of the processor. Program access to virtual memory is possible
only when it coincides with physical memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com