| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 1272 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 1272 Page - Freescale Semiconductor, Inc |
|
1272 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 Index 1-2 Freescale Semiconductor E–I DDR_SDRAM_MODE (DDR SDRAM mode configuration register), 9-16 DDRDLLCR (DDR DLL control register), 18-19 DEVDISR (device disable control register), 18-13 DGSR (DMA general status register), 15-26 DICAR (RapidIO device information capability register), 17-14 DIDCAR (RapidIO device identity capability register), 17-13 DMACTRL (FEC DMA control register), 21-20 DMACTRL (TSEC DMA control register), 14-28 DMR (RapidIO doorbell mode register), 17-77 DOCAR (RapidIO destination operations capability register), 17-19 DQDPAR (RapidIO doorbell queue dequeue pointer address register), 17-79 DQEPAR (RapidIO doorbell queue enqueue pointer address register), 17-80 DSR (RapidIO doorbell status register), 17-78 DSRn (DMA 0–3 destination stride registers), 15-26 E ECC_ERR_INJECT (DDR memory data path error injection mask ECC register), 9-18 ECNTRL (TSEC Ethernet control register), 14-25 EDIS (FEC error disabled register), 21-18 EDIS (TSEC error disabled register), 14-24 EEADR (ECM error address capture register), 8-8 EEATR (ECM error attributes capture register), 8-7 EEBACR (ECM CCB address configuration register), 8-3 EEBPCR (ECM CCB port configuration register), 8-4 EEDR (ECM error detect register), 8-5 EEER (ECM error enable register), 8-6 EIDRn (PIC external interrupt destination registers 0–11), 10-33 EIVPRn (PIC external interrupt vector/priority registers 0–11), 10-32 EOI0 (PIC per-CPU processor end of interrupt register) also mapped as global EOI, 10-42 ERR_ADDR (PCI/X error address capture register), 16-33 ERR_ATTRIB (PCI/X error attributes register), 16-32 ERR_CAP_DR (PCI/X error capture disable register), 16-30 ERR_DETECT (DDR memory error detect register), 9-21 ERR_DH (PCI/X error data high capture register), 16-34 ERR_DISABLE (DDR memory error disable register), 9-21 ERR_DL (PCI/X error data low capture register), 16-34 ERR_DR (PCI/X error detect register), 16-29 ERR_EN (PCI/X error enable register), 16-31 ERR_EXT_ADDR (PCI/X error extended address capture register), 16-34 ERR_INT_EN (DDR memory error interrupt enable register), 9-22 ERR_SBE (DDR single-bit ECC memory error management register), 9-25 EXST (TSEC extended status register), 14-100 F FIFO_TX_STARVE (FEC FIFO transmit starve register), 21-24 FIFO_TX_STARVE (TSEC FIFO transmit starve register), 14-32 FIFO_TX_STARVE_SHUTOFF (FEC FIFO transmit starve shutoff register), 21-24 FIFO_TX_STARVE_SHUTOFF (TSEC FIFO transmit starve shutoff register), 14-32 FIFO_TX_THR (FEC FIFO transmit threshold register), 21-23 FIFO_TX_THR (TSEC FIFO transmit threshold register), 14-31 FRR (PIC feature reporting register), 10-16 G GADDRn (FEC group address registers 0–7), 21-46 GADDRn (TSEC group address registers 0–7), 14-88 GAS_TIMR (PCI/X gasket timer register), 16-35 GCR (PIC global configuration register), 10-17 GPINDR (general-purpose input data register), 18-12 GPIOCR (GPIO control register), 18-10 GPOUTDR (general-purpose output data register), 18-11 GPPORCR (general-purpose POR configuration register), 18-9 GTBCRn (PIC global timer 0–3 base count registers), 10-21 GTCCRn (PIC global timer 0–3 current count registers), 10-21 GTDRn (PIC global timer 0–3 destination registers), 10-23 GTVPRn (PIC global timer 0–3 vector/priority registers), 10-22 H HAFDUP (FEC half-duplex register), 21-41 HAFDUP (TSEC half-duplex register), 14-53 HBDIDLCSR (RapidIO host base device ID lock command and status register), 17-26 I I2CADR (I2C address register), 11-5 I2CCR (I2C control register), 11-6 I2CDFSRR (I2C digital filter sampling rate register), 11-10 I2CDR (I2C data register), 11-9 I2CFDR (I2C frequency divider register), 11-5 I2CSR (I2C status register), 11-7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |