| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 1276 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 1276 Page - Freescale Semiconductor, Inc |
|
1276 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 Index 1-6 Freescale Semiconductor S–T ROWTARn (RapidIO outbound window translation address registers 0–8) for maintenance transactions, 17-38 ROWTARn (RapidIO outbound window translation address registers 0–8) for standard transactions, 17-37 RPKT (TSEC receive packet counter register), 14-65 RSTAT (FEC receive status register), 21-32 RSTAT (TSEC receive status register), 14-41 RUND (TSEC receive undersize packet counter register), 14-70 RXCF (TSEC receive control frame packet counter register), 14-67 RXIC (TSEC receive interrupt coalescing configuration register), 14-43 RXPF (TSEC receive pause frame packet counter register), 14-67 RXUO (TSEC receive unknown opcode packet counter register), 14-68 S SARn (DMA 0–3 source address registers), 15-18 SARn (DMA 0–3 source address registers for RapidIO maintenance reads), 15-19 SATRn (DMA 0–3 source attributes registers), 15-16 SOCAR (RapidIO source operations capability register), 17-17 SPICAR (RapidIO switch port information capability register), 17-17 SR (TSEC status register), 14-93 SRn (DMA 0–3 status registers), 15-13 SSRn (DMA 0–3 source stride registers), 15-25 SVR (PIC spurious vector register), 10-19 SVR (system version register), 18-18 T TBACR (trace buffer access control register), 20-22 TBADHR (trace buffer access data high register), 20-22 TBADR (trace buffer access data register), 20-23 TBAMR (trace buffer address mask register), 20-19 TBAR (trace buffer address register), 20-19 TBASE (FEC transmit descriptor base address register), 21-28 TBASE (TSEC transmit descriptor base address register), 14-37 TBCA (TSEC transmit broadcast packet counter register), 14-74 TBCRn (trace buffer control registers 0–1), 20-16 TBDLEN (FEC TxBD data length register), 21-27 TBDLEN (TSEC TxBD data length register), 14-35 TBICON (TSEC TBI control register), 14-102 TBIPA (TSEC TBI physical address register), 14-29 TBPTR (FEC transmit buffer descriptor pointer register), 21-28 TBPTR (TSEC transmit buffer descriptor pointer register), 14-37 TBSR (trace buffer status register), 20-21 TBTMR (trace buffer transaction mask register), 20-20 TBYT (TSEC transmit byte counter register), 14-73 TCR (PIC timer control register), 10-24 TCTRL (FEC transmit control register), 21-25 TCTRL (TSEC transmit control register), 14-33 TDFR (TSEC transmit deferral packet counter register), 14-75 TDRP (TSEC drop frame counter register), 14-79 TEDF (TSEC transmit excessive deferral packet counter register), 14-76 TFCS (TSEC transmit FCS error counter register), 14-80 TFRG (TSEC transmit fragment counter register), 14-82 TFRR (PIC timer frequency reporting register), 10-20 TIMING_CFG_1 (DDR SDRAM timing configuration register 1), 9-11 TIMING_CFG_2 (DDR SDRAM timing configuration register 2), 9-13 TJBR (TSEC jabber frame counter register), 14-79 TMCA (TSEC transmit multicast packet counter register), 14-74 TNCL (TSEC transmit total collision counter register), 14-78 TOSR (trigger output source register), 20-25 TOVR (TSEC transmit oversize frame counter register), 14-81 TPKT (TSEC transmit packet counter register), 14-73 TR127 (TSEC transmit and receive 65- to 127-byte frame counter register), 14-61 TR1K (TSEC transmit and receive 512- to 1023-byte frame counter register), 14-63 TR255 (TSEC transmit and receive 128- to 255-byte frame counter register), 14-62 TR511 (TSEC transmit and receive 256- to 511-byte frame counter register), 14-62 TR64 (TSEC transmit and receive 64-byte frame counter register), 14-61 TRMAX (TSEC transmit and receive 1024- to 1518-byte frame counter register), 14-63 TRMGV (TSEC transmit and receive 1519- to 1522-byte VLAN frame counter register), 14-64 TSCL (TSEC transmit single collision packet counter register), 14-76 TSTAT (FEC transmit status register), 21-26 TSTAT (TSEC transmit status register), 14-34 TUND (TSEC transmit undersize frame counter register), 14-81 TXCF (TSEC transmit control frame counter register), 14-80 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |