Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1274 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1274 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1270Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1271Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1272Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1273Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1274Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1275Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1276Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1277Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1278Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1274 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Index 1-4
Freescale Semiconductor
N–P
MINFLR (FEC minimum frame length register), 21-18
MINFLR (TSEC minimum frame length register), 14-26
MIVPRn (PIC messaging interrupt vector/priority registers
0–3), 10-36
MRBLR (FEC maximum receive buffer length register),
21-34
MRBLR (TSEC maximum receive buffer length register),
14-44
MRn (DMA 0–3 mode registers), 15-10
MRTPR (LBC memory refresh timer prescaler register),
13-21
MSGRn (PIC message registers 0–3), 10-30
MSR (PIC message status register), 10-31
MSR (RapidIO mailbox command and status register), 17-22
MxMR (LBC UPM A–C mode registers), 13-19-13-21
N
NLNDARn (DMA 0–3 next link descriptor address
registers), 15-23
NLSDARn (DMA 0-3 next list descriptor address register),
15-25
O
ODATR (RapidIO outbound destination attributes register),
17-70
ODCR (RapidIO outbound double-word count register),
17-71
ODPR (RapidIO outbound destination port register), 17-70
ODQDPAR (RapidIO outbound descriptor queue dequeue
pointer address register), 17-68
ODQEPAR (RapidIO outbound descriptor queue enqueue
pointer address register), 17-72
OMR (RapidIO outbound mode register), 17-65
ORn (LBC options registers 0–7), 13-12-13-18
OSAR (RapidIO outbound source address register), 17-69
OSR (RapidIO outbound status register), 17-67
OSTBD (FEC out-of-sequence TxBD register), 21-29
OSTBD (TSEC out-of-sequence TxBD register), 14-38
OSTBDP (FEC out-of-sequence Tx data buffer pointer
register), 21-31
OSTBDP (TSEC out-of-sequence Tx data buffer pointer
register), 14-40
P
PCCSR (RapidIO port control command and status register),
17-33
PCI configuration header registers, 16-36-16-53
see also General Index
PCIDR (programmed context ID register), 20-24
PCIX_TIMR (PCI-X split completion timer register), 16-36
PCR (RapidIO port configuration register), 17-35
PECR (RapidIO port error control register), 17-52
PECRx (RapidIO packet error registers)
see PEPR1x and PEPR2x
PEFCAR (RapidIO processing element features capability
register), 17-15
PEIR (RapidIO port error injection register), 17-35
PELLCCSR (RapidIO processing element logical layer
control command and status register), 17-24
PEPCSR0 (RapidIO port error packet/control symbol register
0), 17-52
PEPR1 (RapidIO port error packet register 1), 17-53
PECR1T1 (packet error capture register 1, type 1), 17-53
PECR1T10 (packet error capture register 1, type 10), 17-56
PECR1T11 (packet error capture register 1, type 11), 17-57
PECR1T13 (packet error capture register 1, type 13), 17-58
PECR1T2 (packet error capture register 1, type 2), 17-54
PECR1T5 (packet error capture register 1, type 5), 17-54
PECR1T6 (packet error capture register 1, type 6), 17-55
PECR1T8R (packet error capture register 1, type 8
response), 17-56
PECR1T8RQ (packet error capture register 1, type 8
request), 17-55
PEPR2 (RapidIO port error packet register 2), 17-58
PECR2T10 (packet error capture register 2, type 10), 17-60
PECR2T11 (packet error capture register 2, types 11 and
13), 17-61
PECR2T125 (packet error capture register 2, types 1, 2,
and 5), 17-58
PECR2T6 (packet error capture register 2, type 6), 17-59
PECR2T8R (packet error capture register 2, type 8
response), 17-60
PERTR (RapidIO port error recovery threshold register),
17-64
PESCSR (RapidIO port error and status command and status
register), 17-31
PGCCSR (RapidIO port general control command and status
register), 17-29
PIR (PIC processor initialization register), 10-18
PITARn (PCI/X inbound translation address registers 1–3),
16-25
PIWARn (PCI/X inbound window attributes registers 1–3),
16-26
PIWBARn (PCI/X inbound window base address registers
1–3), 16-25
PIWBEARn (PCI/X inbound window base extended address
registers 1–3), 16-26
PLASCSR (RapidIO port local ackID status command and
status register), 17-31
PLMREQCSR (RapidIO port link maintenance request
command and status register), 17-29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com