Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1271 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1271 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1267Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1268Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1269Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1270Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1271Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1272Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1273Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1274Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1275Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1271 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
Index 1-1
Index 1
Register Index (Memory-Mapped Registers)
A
AICAR (RapidIO assembly information capability register),
17-15
AIDCAR (RapidIO assembly identity capability register),
17-14
ALTCAR (alternate configuration attribute address register),
4-6
ALTCBAR (alternate configuration base address register),
4-6
ANA (TSEC AN advertisement register), 14-94
ANLPANP (TSEC AN link partner ability next page
register), 14-99
ANLPBPA (TSEC AN link partner base page ability
register), 14-96
ANNPT (TSEC AN next page transmit register), 14-98
ATTR (FEC attribute register), 21-46
ATTR (TSEC attribute register), 14-89
ATTRELI (FEC attribute extract length and extract index
register), 21-47
ATTRELI (TSEC attribute extract length and extract index
register), 14-90
B
BCRn (DMA 0–3 byte count registers), 15-23
BDIDCSR (RapidIO base device ID command and status
register), 17-25
BPTR (boot page translation register), 4-8
BRn (LBC base registers 0–7), 13-11
C
CAM1 (TSEC carry mask register 1), 14-85
CAM2 (TSEC carry mask register 2), 14-86
CAPTURE_ADDRESS (DDR memory error address capture
register), 9-24
CAPTURE_ATTRIBUTES (DDR memory error attributes
capture register), 9-23
CAPTURE_DATA_HI (DDR memory data path read capture
high register), 9-19
CAPTURE_DATA_LO (DDR memory data path read
capture low register), 9-20
CAPTURE_ECC (DDR memory data path read capture ECC
register), 9-20
CAR1 (TSEC carry register 1), 14-82
CAR2 (TSEC carry register 2), 14-84
CCIDR (current context ID register), 20-24
CCSRBAR (configuration, control, and status registers base
address register), 4-4-4-5
CFG_ADDR (PCI/X configuration address register), 16-18
CFG_DATA (PCI/X configuration data register), 16-19
CISR0 (PIC critical interrupt summary register 0), 10-27
CISR1 (PIC critical interrupt summary register 1), 10-28
CLKOCR (clock out select register), 18-18
CLNDARn (DMA 0–3 current link descriptor address
registers), 15-14
CLSDARn (DMA 0–3 current list-alternate base descriptor
address registers), 15-24
CR (RapidIO configuration register), 17-34
CR (TSEC control register), 14-92
CRBPTR (FEC current receive buffer descriptor pointer
register), 21-33
CRBPTR (TSEC current receive buffer descriptor pointer
register), 14-44
CSnBNDS (DDR chip select 0–3 bounds registers), 9-10
CSnCONFIG (DDR chip select 0–3 configuration registers),
9-10
CTBPTR (FEC current transmit buffer descriptor pointer
register), 21-27
CTBPTR (TSEC current transmit buffer descriptor pointer
register), 14-36
CTCSR (RapidIO component tag command and status
register), 17-26
CTPR0 (PIC per-CPU processor current task priority
register), also mapped as global CTPR, 10-40
D
DARn (DMA 0–3 destination address registers), 15-21
DARn (DMA 0–3 destination address registers for
RapidIO maintenance writes), 15-22
DATA_ERR_INJECT_HI (DDR memory data path error
injection mask high register), 9-17
DATA_ERR_INJECT_LO (DDR memory data path error
injection mask low register), 9-18
DATRn (DMA 0–3 destination attributes registers), 15-19
DDR_SDRAM_CFG (DDR SDRAM control configuration
register), 9-14
DDR_SDRAM_INTERVAL (DDR SDRAM interval
configuration register), 9-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com