Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1267 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1267 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1263Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1264Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1265Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1266Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1267Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1268Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1269Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1270Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1271Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1267 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
Glossary-9
R
rA. The rA instruction field is used to specify a GPR to be used as a source or
destination.
rB. The rB instruction field is used to specify a GPR to be used as a source.
rD. The rD instruction field is used to specify a GPR to be used as a destination.
rS. The rS instruction field is used to specify a GPR to be used as a source.
RapidIO. High-performance, packet-switched, interconnect architecture that
provides reliability, increased bandwidth, and faster bus speeds in an
intra-system interconnect. Designed to be compatible with integrated
communications processors, host processors, and networking digital signal
processors,
Record bit. Bit 31 (or the Rc bit) in the instruction encoding. When it is set, updates
the condition register (CR) to reflect the result of the operation.
Reconciliation sublayer. Sublayer that maps the terminology and commands used
in the MAC layer into electrical formats appropriate for the physical layer
entities.
Referenced bit. One of two page history bits found in each page table entry. The
processor sets the referenced bit whenever the page is accessed for a read or
write. See also Page access history bits.
Requester. In PCI-X, a requester is an initiator that first introduces a transaction into
the PCI-X domain. If a transaction is terminated with a split response, the
requester becomes the target of the subsequent split completion.
Reservation. The processor establishes a reservation on a cache block of memory
space when it executes an lwarx instruction to read a memory semaphore
into a GPR.
Reservation station. A buffer between the dispatch and execute stages that allows
instructions to be dispatched even though the results of instructions on
which the dispatched instruction may depend are not available.
RISC (reduced instruction set computing). An architecture characterized by
fixed-length instructions with nonoverlapping functionality and by a
separate set of load and store instructions that perform memory accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com