Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1264 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1264 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1260Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1261Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1262Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1263Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1264Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1265Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1266Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1267Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1268Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1264 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Glossary-6
Freescale Semiconductor
Media-independent interface (MII) sublayer. Sublayer that provides a standard
interface between the MAC layer and the physical layer for 10/100-Mbps
operations. It isolates the MAC layer and the physical layer, enabling the
MAC layer to be used with various implementations of the physical layer.
MEI (modified/exclusive/invalid). Cache coherency protocol used to manage
caches on different devices that share a memory system. Note that the
PowerPC architecture does not specify the implementation of a MEI
protocol to ensure cache coherency.
Memory access ordering. The specific order in which the processor performs load
and store memory accesses and the order in which those accesses complete.
Memory-mapped accesses. Accesses whose addresses use the page or block
address translation mechanisms provided by the MMU and that occur
externally with the bus protocol defined for memory.
Memory coherency. An aspect of caching in which it is ensured that an accurate
view of memory is provided to all devices that share system memory.
Memory consistency. Refers to agreement of levels of memory with respect to a
single processor and system memory (for example, on-chip cache,
secondary cache, and system memory).
Memory management unit (MMU). The functional unit that is capable of
translating an effective (logical) address to a physical address, providing
protection mechanisms, and defining caching methods.
Modified state. MEI state (M) in which one, and only one, caching device has the
valid data for that address. The data at this address in external memory is
not valid.
Most-significant bit (msb). The highest-order bit in an address, registers, data
element, or instruction encoding.
Most-significant byte (MSB). The highest-order byte in an address, registers, data
element, or instruction encoding.
N
NaN.
An abbreviation for not a number; a symbolic entity encoded in
floating-point format. There are two types of NaNs—signaling NaNs and
quiet NaNs.
No-op. No-operation. A single-cycle operation that does not affect registers or
generate bus activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com