Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1261 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1261 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1257Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1258Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1259Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1260Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1261Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1262Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1263Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1264Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1265Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1261 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
Glossary-3
Completer. In PCI-X, a completer is the device addressed by a transaction (other
than a split completion transaction). If a target terminates a transaction with
a split response, the completer becomes the initiator of the subsequent split
completion.
Context synchronization. An operation that ensures that all instructions in
execution complete past the point where they can produce an exception, that
all instructions in execution complete in the context in which they began
execution, and that all subsequent instructions are fetched and executed in
the new context. Context synchronization may result from executing
specific instructions (such as isync or rfi) or when certain events occur
(such as an exception).
Copy-back operation. A cache operation in which a cache line is copied back to
memory to enforce cache coherency. Copy-back operations consist of snoop
push-out operations and cache cast-out operations.
D
Direct-mapped cache. A cache in which each main memory address can appear in
only one location within the cache; operates more quickly when the
memory request is a cache hit.
Double data rate. Memory that allows data transfers at the start and end of a clock
cycle. thereby doubling the data rate.
E
Effective address (EA). The 32-bit address specified for a load, store, or an
instruction fetch. This address is then submitted to the MMU for translation
to either a physical memory or an I/O address.
Exclusive state. MEI state (E) in which only one caching device contains data that
is also in system memory.
F
Frame-check sequence (FCS). Specifies the standard 32-bit cyclic redundancy
check (CRC) obtained using the standard CCITT-CRC polynomial on all
fields except the preamble, SFD, and CRC.
Fetch. Retrieving instructions from either the cache or main memory and placing
them into the instruction queue.
Flush. An operation that causes a cache block to be invalidated and the data, if
modified, to be written to memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com