Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1258 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1258 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1254Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1255Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1256Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1257Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1258Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1259Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1260Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1261Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1262Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1258 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
A-46
Freescale Semiconductor
Revision History
•Bit-reversed least-significant byte of CRC value: BR_CRC = 0xAD =
0b10101101
•High-order 3 bits of BR_CRC: HO_CRC = 0b101 = 5
•Low-order 5 bits of BR_CRC: LO_CRC = 0b01101 = 13
•GADDR5 = 0x0004_0000
21.6.2.7, 21-56
In Table 21-44, corrected the RXC description to read as follows:
“Receive control: A control frame was received. As soon as the transmitter
finishes sending the current frame, a pause operation is performed lasting
for the duration specified in the received pause control frame and beginning
when the frame was first received.”
21.6.3.2, 21-63
In Table 21-48, change the LG bitfield description to read:
“Rx frame length violation. Written by TSEC. (Only valid if L is set.) A
frame length greater than maximum frame length was recognized while
MACCFG2[HUGE FRAME] was set. Note, if MACCFG2[HUGE
FRAME] is cleared, the frame is truncated to the value programmed in the
maximum frame length register.”
21.6.4, 21-64
Replace the first paragraph with the following:
“Some applications require the ability to identify selected portions of data
within a frame’s data payload. This process is called extraction although the
data is not truly removed. Rather than literarily extracting a section of the
data and copying it into a new memory location, the data is placed in the L2
cache. This allows the processor to quickly access critical frame
information as soon as the processor is ready without having to first fetch
the data from main memory. This results in substantial improvement in
throughput and hence reduction in latency.”
21.7.1.1, 21-66
In Table 21-50, remove the sixth initialization step.
21.7.1.1, 21-66
I
n Table 21-50, add the following step immediately following the optional
DMACTRL initialization step:
Initialize FIFO_PAUSE_CTRL,
FIFO_PAUSE_CTRL[0000_0000_0000_0000_0000_0000_0000_0010]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com