Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1255 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1255 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1251Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1252Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1253Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1254Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1255Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1256Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1257Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1258Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1259Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1255 / 1302 page
background image
Changes From Revision 0 to Revision 1
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
A-43
21.5.3.6.1, 21-37
In Table 21-28, add the following sentence to the MACCFG1[Tx_EN] field
description:
“If set, prior to clearing this bit, set DMACTRL[GTS] then confirm
subsequent occurrence of the graceful transmit stop interrupt
(IEVENT[GTSC] is set).”
21.5.3.6.6, 21-41
In Figure 21-34, change the reset value for the FEC IFSTAT register to be
0x0000_0000.
21.5.3.6.6, 21-40 and 21-41
Delete the first sentence and replace Figure 21-35 with the following figure
(exposing the Link Fail status field):
21.5.3.6.6, 21-41
In Table 21-34, replace the last row with the following rows:
21.5.3.7.1, 21-43
Change the second sentence of the first paragraph to read:
“When the DA field of a receive frame is processed through a 32-bit CRC
generator, the 8 high-order bits (0–7) of the CRC remainder are mapped to
one of the 256 entries.”
21.5.3.7.1, 21-43
In Table 21-36, add the following sentence to the IADDRn field description:
“For instance, the MSB of IADDR0 correlates to entry 0 and the LSB of
IADDR7 correlates to entry 255.”
21.5.3.7.2, 21-44
In Table 21-37, add the following sentence to the GADDRn field
description:
“For instance, the MSB of GADDR0 correlates to entry 0 and the LSB of
GADDR7 correlates to entry 255.”
0
21
22
23
28
31
R
00000000 0000000000000
0
Excess
Defer
0
0000
Link
Fail
00
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_453C; TSEC2:0x2_553C
23–27
—
Reserved
28
Link Fail
Link Fail. This bit indicates the status of signal detection.
0 The100X module has detected a “signal detect” for longer than 330 mS.
1 The100X module has detected a “signal detect” for less than 330 mS or not at all.
29–31
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com