Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1251 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1251 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1247Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1248Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1249Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1250Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1251Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1252Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1253Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1254Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1255Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1251 / 1302 page
background image
Changes From Revision 0 to Revision 1
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
A-39
20.2.1, 20-7
In Table 20-2, add the following signals:
20.2.2.3, 20-9
In Table 20-5, add the following signal descriptions:
20.3.1.2, 20-13
Change the last sentence in the first paragraph to, “Note that the transaction
address is qualified with the bits described in Section 20.3.1.3, “Watchpoint
Monitor Address Mask Register (WMAMR),” before being compared with
WMAR. Note also that the contents of WMAR are not qualified with
WMAMR.”
20.3.1.3, 20-13
Change the last part of the first sentence to be “...contains the mask that is
applied to a transaction address before the address is compared with
WMAR.”
20.3.2.2, 20-18
In the first sentence, replace “TBCR[AMD]” with “TBCR0[AMD]”. Also,
replace the last sentence of the first paragraph with the following, “The
transaction address is qualified with the bits described in Section 20.3.2.3,
“Trace Buffer Address Mask Register (TBAMR), ” before being compared
with TBAR. Note that the contents of TBAR are not qualified with
TBAMR.”
20.3.2.3, 20-18
Change the last part of the first sentence to be “...contains the mask that is
applied to a transaction address before the address is compared with
TBAR.”
20.3.2.4, 20-19
In the last sentence of the first paragraph, replace “TBCR[TMD]” with
“TBCR0[TMD]”.
LSSD_
MODE
Test
Test
Factory test. Refer to the MPC8540 Integrated
Processor Hardware Specifications for proper
treatment.
I20-9
L1_TSTCLK
Test
Test
Factory test. Refer to the MPC8540 Integrated
Processor Hardware Specifications for proper
treatment.
I20-9
L2_TSTCLK
Test
Test
Factory test. Refer to the MPC8540 Integrated
Processor Hardware Specifications for proper
treatment.
I20-9
LSSD_MODE
I
Used for factory test. Refer to the MPC8540 Integrated Processor Hardware Specifications for
proper treatment.
L1_TSTCLK
I
Used for factory test. Refer to the MPC8540 Integrated Processor Hardware Specifications for
proper treatment.
L2_TSTCLK
I
Used for factory test. Refer to the MPC8540 Integrated Processor Hardware Specifications for
proper treatment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com