Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1247 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1247 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1243Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1244Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1245Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1246Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1247Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1248Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1249Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1250Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1251Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1247 / 1302 page
background image
Changes From Revision 0 to Revision 1
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
A-35
16.4.3.7, 16-88
Add the following two paragraphs at the beginning of the section:
“PCI-X configuration transactions are similar to PCI configuration
transaction as described in Section 16.4.2.11, “Configuration Cycles.” The
exceptions are noted in this section.
There is a rare situation where an internal access (originating from either the
processor core, or other I/O ports on the device) to the 256-byte PCI-X
configuration header may be corrupted by concurrent outbound PCI-X data
transactions. The corruption does not occur if the PCI-X configuration
transactions and the outbound PCI-X data transactions are not concurrent.
The corruption does not occur with inbound PCI-X traffic. This is an issue
for any system that mixes internally generated PCI-X configuration
transactions with outbound PCI-X data transactions. There are two ways to
avoid the situation:
Table 16-62. PCI-X Split Completion Message Summary
AD
Name
Description
31:28
Message Class
A split completion message can be one of the following classes:
0x0 Write completion
0x1 PCI-X bridge error
0x2 Completer error
0x3–0xFReserved
27:20
Message Index
The message index identifies the type of message within the message class.
For write completion message class:
0x00 Normal completion
For PCI-X bridge error message class:
0x00 Master-abort
0x01 Target-abort
0x02 Write data parity error
For completer error message class:
0x00 Byte count out-of-range error
0x01 Split write data parity error
0x8n Device-specific error
19
—
Reserved
18:12
Remaining
Lower Address
If the split request was a burst memory read transaction, the remaining lower address is
the least significant seven bits of the first byte of data that has not been sent. If the split
request was a DWORD transaction, the completer places all zeroes in this field.1
1 Note that the PCI-X 1.0 specification states that if the split request is a DWORD transaction, the completer sets the
remaining lower address field (bits 18–12) of the split completion message to zero. However, the MPC8540 deviates
from the specification when the split request is a DWORD read transaction to the upper 32 bits of a quad word (that
is, the address ends with 1xx); in this case, bit 14 of the split completion message is set to 1.
11:0
Remaining Byte
Count
If the split request was a burst memory read transaction, the remaining byte count is the
number of bytes that have not been sent. If the split request was a DWORD transaction,
the completer places 0x004 in this field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com