Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1246 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1246 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1242Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1243Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1244Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1245Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1246Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1247Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1248Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1249Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1250Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1246 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
A-34
Freescale Semiconductor
Revision History
In either agent or agent lock mode, access to the internal PCI/X
configuration header by the processor core is handled as described in
Section 16.4.2.11.2, “Accessing the PCI Configuration Space in Host
Mode,” using device = 0 and bus = 0 in PCI CFG_ADDR to indicate the
internal PCI/X header.
16.4.2.13, 16-75
Delete the second and third sentences in the first paragraph.
16.4.2.13.1, 16-75
Delete the last paragraph.
16.4.2.13.2, 16-76
Add the following between the first and second paragraphs:
“Note that some errors are enabled by programming two bits—one in the
PCI bus command register and another in the PCI/X error enable register
(ERR_EN). Likewise, some errors are reported in two bits—one in the PCI
bus status register and another in the PCI/X error detect register (ERR_DR).
These bits must be cleared separately; that is, clearing one does not clear the
other. For example, clearing the ERR_DR[Mstr abort error] does not clear
the received master abort bit in the PCI bus status register. In these cases,
both bits must be cleared before further error reporting can occur.”
16.4.3.6.4, 16-88
Add the following new section that describes the PCI-X split completion
message:
16.4.3.6.4 Split Completion Messages
For PCI-X split completion transactions that include a split completion error
or split completion message, the transaction has a single DWORD data
phase with the format shown in Figure 16-78.
Figure 16-78. PCI-X Split Completion Message Format
Table 16-62 describes the fields of the PCI-X split completion message.
Message Class
Message Index
0
Remaining Lower
Address
31
28
27
20
19
18
16
Remaining Lower Address
(cont.)
Remaining Byte Count
15
12
11
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com