Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1248 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1248 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1244Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1245Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1246Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1247Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1248Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1249Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1250Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1251Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1252Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1248 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
A-36
Freescale Semiconductor
Revision History
Ensure that PCI-X configuration transactions are completed before starting
PCI-X data transactions.
Ensure that all PCI-X outbound data traffic is quiesced before attempting
PCI-X configuration transactions. The programmer must ensure all of the
following:
Non-configuration transactions to PCI-X from the processor core are
quiesced.
The core is not fetching instructions from PCI-X.
DMA transactions to PCI-X are quiesced.
RapidIO bridging transactions to PCI-X are quiesced.”
16.4.3.7, 16-88
Add the following before the first sentence:
“As is the case for PCI configuration accesses, the Bus master bit in the
MPC8540’s PCI bus command register must be set before an outbound
configuration access is attempted.”
16.4.3.8.1, 16-91
Add the following between the first and second paragraphs:
“Note that some errors are enabled by programming two bits—one in the
PCI bus command register and another in the PCI/X error enable register
(ERR_EN). Likewise, some errors are reported in two bits—one in the PCI
bus status register and another in the PCI/X error detect register (ERR_DR).
These bits must be cleared separately; that is, clearing one does not clear the
other. For example, clearing the ERR_DR[Mstr abort error] does not clear
the received master abort bit in the PCI bus status register. In these cases,
both bits must be cleared before further error reporting can occur.”
16.4.3.8.1, 16–93
Add the following after Table 16-64:
“When an outbound PCI-X read transaction has been split and the split
completion transaction indicates a master-abort or a target-abort, the
split-completion error message (SCEM) data field contains information for
setting the received master-abort or received target-abort bit in the PCI bus
status register (bits 13 and 12, respectively). However, for misaligned reads
(that is, reads not aligned on a 64-bit boundary), the error is not reflected in
the PCI Status register. The error is reported in the PCI error detection
register (ERR_DR) at 0x0_8E00. The master-abort or target-abort can be
inferred from the error data capture register (ERR_DL). Drivers that require
this information can read the ERR_DR register rather than the PCI bus
status register.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com