Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1244 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1244 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1240Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1241Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1242Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1243Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1244Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1245Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1246Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1247Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1248Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1244 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
A-32
Freescale Semiconductor
Revision History
enable bit is set, and the device number is not 0b1_1111, the MPC8540
performs a configuration cycle translation function and runs a
configuration-read or configuration-write transaction on the PCI bus. If the
bus number corresponds to the local PCI bus (bus number = 0x00), the
MPC8540 performs a type 0 configuration cycle translation. If the bus
number indicates a remote PCI bus (that is, nonlocal), the MPC8540
performs a type 1 configuration cycle translation. The device number
0b1_1111 is used for performing interrupt-acknowledge and special-cycle
transactions. See Section 16.4.2.12, “Other Bus Transactions,” for more
information.
See Section 16.3.1.1, “PCI/X Configuration Address Register
(CFG_ADDR),” for details on PCI CFG_ADDR and Section 16.3.1.1.2,
“PCI/X Configuration Data Register (CFG_DATA),” for details on PCI
CFG_DATA.
Note that because all PCI/X registers are intrinsically little-endian, in the
following examples, the data in the configuration register is shown in
little-endian order. PowerPC processor accesses to the PCI CFG_DATA
register should use the load/store with byte-reversed instructions. External
PCI masters that use the local address map to access configuration space do
not need to reverse bytes since byte lane redirection from the little-endian
PCI bus is performed internally.
Example: Configuration sequence, 4-byte data read from the revision
ID/standard programming interface/subclass code/class code registers at
address offset 0x08 of the PCI/X configuration header (device 0 on the
PCI/X bus 0 is the MPC8540 itself).
Initial values:
r0 contains 0x8000_0008
r1
contains
CCSRBAR
+
0x0_8000
(Address
of
PCI
CFG_ADDR
register)
r2
contains
CCSRBAR
+
0x0_8004
(Address
of
PCI
CFG_DATA
register)
r3 contains 0xFFFF_FFFF
Register at 0x08 contains 0x0B20_0002 (0x0B to 0x08)
Code sequence:
stw r0, 0 (r1)
lwbrx r3, 0 (r2)
Results:
Address CCSRBAR + 0x0_8000 contains 0x8000_0008
Register r3 contains 0x0B20_0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com