Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1241 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1241 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1237Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1238Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1239Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1240Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1241Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1242Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1243Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1244Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1245Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1241 / 1302 page
background image
Changes From Revision 0 to Revision 1
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
A-29
15.5.1.2, 15-42
Remove the last sentence of the second paragraph.
16.2, 16-12
In Table 16-2, add the following to the timing description for the PCI_PERR
signal:
“Note: If a parity error occurs on the last data beat of a PCI-X transaction
with inbound data (outbound read with split completion data or inbound
write), the MPC8540 asserts PERR longer than permitted by the PCI-X
specification. This condition may cause a subsequent transaction to
erroneously detect a parity error. The condition may be remedied by placing
a stronger pull-up resistors on the PERR signal. For example:
•1 Kohm for 133 MHz point-to-point operation
•2 Kohm for 66 MHz operation
•4 Kohm for 33 MHz operation.
These values are stronger than the specification allows (5 Kohm minimum
for pull-up resistors).”
16.3.1.2, 16-20
Add the following sentence to the end of the third paragraph:
“Note that outbound translation windows must not overlap the
configuration access registers.”
16.3.1.2.4, 16-22
In Figure 16–9, add a footnote to EN field (bit 0) that states, “ For
POWAR0, translation is always enabled. The enable field (EN) may be read
and written, but the value is ignored.”
16.3.1.2.4, 16-22
In Table 16–10, add the following to the description for bit 0 (EN), “Note
that for POWAR0, translation is always enabled. The enable field (EN) may
be read and written, but the value is ignored.”
16.3.1.2.4, 16–23
In Table 16–10, add the following to the description for bits 26–31 (OWS),
“Also note that for POWAR0, setting OWS to less than 4 Gbytes causes
addresses that miss in the other outbound windows to be aliased to the
smaller address range defined by POWAR0[OWS] and POTAR0.”
16.3.1.4, 16–27
Insert the following between the second and third paragraphs:
“Note that some errors are reported in two bits—one in the PCI/X error
detect register (ERR_DR) and another in the PCI bus status register in the
PCI/X configuration header. These bits must be cleared separately; that is,
clearing one does not clear the other. For example, clearing the
ERR_DR[Mstr abort error] does not clear the received master abort bit in
the PCI bus status register. In these cases, both bits must be cleared before
further error reporting can occur. Refer to Table 16-57 for PCI mode error
actions and Table 16-64 for PCI-X mode error actions. Likewise, some



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com