Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1239 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1239 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1235Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1236Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1237Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1238Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1239Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1240Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1241Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1242Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1243Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1239 / 1302 page
background image
Changes From Revision 0 to Revision 1
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
A-27
14.7.1.4, 14-140
In Table 14-132, add the following step immediately following the optional
DMACTRL initialization step:
14.7.1.5, 14-144
In Table 14-135, add the following step immediately following the optional
DMACTRL initialization step:
Chapter 15
Correct the DMA signal enumeration for consistency as in the following
example:
“DMA0_DREQ” to “DMA_DREQ0”
15.2.2, 15-5 and
15.4.1.3, 15-32
In the third bullet of the list of signals defined for the external control
interface, clarify that the falling edge of DMA_DREQ sets MRn[CS] and
for DMA_DDONE with the following:
“DMA_DDONE assertion indicates that the DMA engine has completed
the transfer. SRn[CB] is clear. Note, however, that write data may still be
queued at the target interface or in the process of transfer on an external
interface.”
15.3.1, 15-7
In Table 15-4, designate the following memory locations as “Reserved”:
0x2_112C
0x2_1148–0x2_117C
0x2_11AC
0x2_11C8–0x2_11FC
0x2_122C
0x2_1248–0x2_127C
0x2_12AC
0x2_12C8–0x2_12FC
15.3.2.5.1, 15-17
Change the designation for the source address register when used for
RapidIO maintenance transactions from “SARMn” to “SARn for RapidIO
maintenance transactions,” reflecting the fact that any single SARn register
can assume one of two formats.
15.3.2.7.1, 15-20
Change the designation for the destination address register when used for
RapidIO maintenance transactions from “DARMn” to “DARn for RapidIO
Initialize FIFO_PAUSE_CTRL,
FIFO_PAUSE_CTRL[0000_0000_0000_0000_0000_0000_0000_0010]
Initialize FIFO_PAUSE_CTRL,
FIFO_PAUSE_CTRL[0000_0000_0000_0000_0000_0000_0000_0010]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com