Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1265 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1265 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1261Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1262Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1263Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1264Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1265Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1266Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1267Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1268Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1269Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1265 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
Glossary-7
O
OCeaN (On-chip network). Non-blocking crossbar switch fabric. Enables full
duplex port connections at 128Gb/s concurrent throughput and independent
per port transaction queuing and flow control. Permits high bandwidth, high
performance, as well as the execution of multiple data transactions.
Outbound ATMU windows. Mappings that perform address translations from local
32-bit address space to the address spaces of RapidIO or PCI/PCI-X, which
may be much larger than the local space. Outbound ATMU windows also
map attributes such as transaction type or priority level.
P
Packet. A unit of binary data that can be routed through a network. Sometimes
packet is used to refer to the frame plus the preamble and start frame
delimiter (SFD).
Page. A region in memory. The OEA defines a page as a 4-Kbyte area of memory
aligned on a 4-Kbyte boundary.
Page access history bits. The changed and referenced bits in the PTE keep track of
the access history within the page. The referenced bit is set by the MMU
whenever the page is accessed for a read or write operation. The changed
bit is set when the page is stored into. See Changed bit and Referenced bit.
Page fault. A page fault is a condition that occurs when the processor attempts to
access a memory location that does not reside within a page not currently
resident in physical memory. On PowerPC processors, a page fault
exception condition occurs when a matching, valid page table entry
(PTE[V] = 1) cannot be located.
Page table. A table in memory is comprised of page table entries, or PTEs. It is
further organized into eight PTEs per PTEG (page table entry group). The
number of PTEGs in the page table depends on the size of the page table (as
specified in the SDR1 register).
Page table entry (PTE). Data structures containing information used to translate
effective address to physical address on a 4-Kbyte page basis. A PTE
consists of 8 bytes of information in a 32-bit processor and 16 bytes of
information in a 64-bit processor.
Physical coding sublayer (PCS). Sublayer responsible for encoding and decoding
data stream to and from the MAC sublayer. Medium (1000BASEX) 8B/10B
coding is used for fiber. Medium (1000BASET) 8B1Q coding is used for
unshielded twisted pair (UTP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com